Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0013 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAALSS0013
Description  Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0013 Datasheet(HTML) 1 Page - Tyco Electronics

  MAALSS0013 Datasheet HTML 1Page - Tyco Electronics MAALSS0013 Datasheet HTML 2Page - Tyco Electronics MAALSS0013 Datasheet HTML 3Page - Tyco Electronics MAALSS0013 Datasheet HTML 4Page - Tyco Electronics MAALSS0013 Datasheet HTML 5Page - Tyco Electronics MAALSS0013 Datasheet HTML 6Page - Tyco Electronics MAALSS0013 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Satellite Radio Low Noise Amplifier
2.2 - 2.4 GHz
MAALSS0013
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
1
Features
• Low Noise Figure: 0.9 dB
• High Gain: 17 dB
• Low Cost Plastic SOT-26 Package
• Adjustable Current
• Single +3 V to +5 V Bias
• Output Power: +10 dBm
• 50 Ω Input / Output Match
Description
M/A-COM’s MAALSS0013 LNA is a GaAs MMIC low
noise amplifier in a low-cost SOT-26 surface mount
plastic package.
The MAALSS0013 employs a
monolithic 2-stage design featuring a convenient
50-ohm input/output impedance that minimizes the
number of external components required.
The
device typically runs off a single 3 volt to 5 volt
supply and has an off chip resistor that can be used
to improve the linearity performance.
The design
provides excellent performance from 2.2 to 2.4 GHz.
The MAALSS0013 is fabricated using M/A-COM’s
E/D process to realize low noise and high dynamic
range.
The process features full passivation for
increased performance and reliability.
Ordering Information
1
Part Number
Package
MAALSS0013
Bulk Packaging
MAALSS0013TR
1000 Piece Tape and Reel
MAALSS0013TR-3000
3000 Piece Tape and Reel
MAALSS0013SMB
Sample Test Board
(Includes 5 Samples)
1. Reference Application Note M513 for reel size information.
Functional Schematic
VDD 1
GND
RF IN
GND
RF OUT
VDD 2
VDD 1
GND
RF IN
GND
RF OUT
VDD 2
Pin Configuration
Parameter
Absolute Maximum
Input Power
+8 dBm
Operating Voltages
+6 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +150°C
Absolute Maximum Ratings
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Pin
Pin Name
Description
1
VDD1
Stage 1 Voltage
2
GND
Ground
3
RF IN
RF input
4
GND
Ground
5
RF OUT
RF output
6
VDD2
Stage 2 Voltage


Similar Part No. - MAALSS0013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0012 MACOM-MAALSS0012 Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012 MACOM-MAALSS0012 Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
MAALSS0012-3000 MACOM-MAALSS0012-3000 Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
114Kb / 8P
Miniature Broadband Gain Stage 200 - 3000 MHz
MAALSS0012SMB MACOM-MAALSS0012SMB Datasheet
264Kb / 6P
Miniature Broadband Gain Stage, 70 - 3000 MHz
More results

Similar Description - MAALSS0013

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
INA-51063 HP-INA-51063 Datasheet
69Kb / 5P
2.4 GHz Low Noise Silicon MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Tyco Electronics
MAALSS0033 MACOM-MAALSS0033 Datasheet
176Kb / 7P
Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
logo
California Eastern Labs
UPG2310TK CEL-UPG2310TK Datasheet
269Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
2.4-2.5 GHz Low-Noise Amplifier
logo
Hittite Microwave Corpo...
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
logo
Stealth Microwave, Inc.
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
2.2-2.4 GHz 10W Bi-Directional Power Amplifier
logo
Skyworks Solutions Inc.
SKY65049-360LF SKYWORKS-SKY65049-360LF Datasheet
259Kb / 12P
1.7 - 2.4 GHz Low Noise Amplifier
SKY65405-11 SKYWORKS-SKY65405-11 Datasheet
45Kb / 2P
2.4 GHz Low-Noise Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com