Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0013 Datasheet(PDF) 6 Page - Tyco Electronics

Part # MAALSS0013
Description  Satellite Radio Low Noise Amplifier 2.2 - 2.4 GHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0013 Datasheet(HTML) 6 Page - Tyco Electronics

  MAALSS0013 Datasheet HTML 1Page - Tyco Electronics MAALSS0013 Datasheet HTML 2Page - Tyco Electronics MAALSS0013 Datasheet HTML 3Page - Tyco Electronics MAALSS0013 Datasheet HTML 4Page - Tyco Electronics MAALSS0013 Datasheet HTML 5Page - Tyco Electronics MAALSS0013 Datasheet HTML 6Page - Tyco Electronics MAALSS0013 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Satellite Radio Low Noise Amplifier
2.2 - 2.4 GHz
MAALSS0013
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
6
Typical Performance Curves: Satellite Tuning, 5 Volts, +25°C
Input Return Loss
Output Return Loss
Gain
S12
Noise Figure
Output IP3
-30
-25
-20
-15
-10
-5
0
1.61.8
2.02.2
2.42.6
2.8
3.0
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
Frequency (GHz)
0
5
10
15
20
1.61.8
2.02.2
2.42.6
2.8
3.0
Frequency (GHz)
-50
-40
-30
-20
-10
0
1.61.8
2.02.2
2.42.6
2.8
3.0
Frequency (GHz)
22
24
26
28
30
32
2.02.1
2.22.3
2.4
Frequency (GHz)
0.0
0.5
1.0
1.5
2.0
2.20
2.25
2.30
2.35
2.40
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com