Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080 Datasheet (PDF) - Analog Devices

ADAF1080 Datasheet PDF - Analog Devices
Part # ADAF1080
Download  ADAF1080 Download
File Size   1682.18 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner

ADAF1080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAF1080 Datasheet PDF - Analog Devices

Part # ADAF1080
Download  ADAF1080 Click to download

File Size   1682.18 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner

ADAF1080 Datasheet (HTML) - Analog Devices


ADAF1080 Product details

FEATURES
► Single-axis, high-precision, AMR magnetic field sensor
► Maximum magnetic field strength on the sense field axis for
linear operation up to ±8 mT
► Output noise (noise density magnetic field equivalent): 6
nT/√Hz
► >100 dB dynamic range
► Flip coil to calibrate electrical offset over life and temperature
► Temperature compensated output
► Integrated precision instrumentation amplifier
► Up to 2.2 MHz bandwidth at gain = 20
► Programmable chopping for precision measurements
► Synchronization features for wide bandwidth applications
► Ratiometric output capability to improve PSRR
► Programmable gain for 1.8 V to 5 V ADC range
► Analog output optimized to drive ADC
► Ease of use features
► Wide and user-selectable output common-mode voltage
► Integrated electrical offset cancellation
► Integrated diagnostics
► Temperature range: –40°C to +125°C
► Supply voltage range: 4.5 V to 5.5 V
► Available in a 20-Lead LFCSP with an exposed pad

APPLICATIONS
► Isolated and contactless current sensing
► Handheld current clamp meters
► Motor control current sense
► AC and DC power applications
► Precision magnetic field sensing applications
► Precision linear encoders
► Low-noise, precision magnetometers

PRODUCT HIGHLIGHTS
1. Contactless current measurement
2. Precise measurement of magnetic field strength in a single axis
3. Low-noise analog front end
4. Negligible hysteresis
5. High-bandwidth, wide-range magnetic field sensor
6. Electrical offset cancellation over life and temperature




Similar Part No. - ADAF1080

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ADAFX51CEP5AK AMD-ADAFX51CEP5AK Datasheet
186Kb / 24P
AMD Athlon 64 Processor Power and Thermal Data Sheet
More results


Similar Description - ADAF1080

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Analog Devices
ADA4570 AD-ADA4570 Datasheet
1Mb / 14P
Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
7/2021-Revision 0
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com