Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 3 Page - Analog Devices

  ADAF1080 Datasheet HTML 1Page - Analog Devices ADAF1080 Datasheet HTML 2Page - Analog Devices ADAF1080 Datasheet HTML 3Page - Analog Devices ADAF1080 Datasheet HTML 4Page - Analog Devices ADAF1080 Datasheet HTML 5Page - Analog Devices ADAF1080 Datasheet HTML 6Page - Analog Devices ADAF1080 Datasheet HTML 7Page - Analog Devices ADAF1080 Datasheet HTML 8Page - Analog Devices ADAF1080 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Data Sheet
ADAF1080
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 36
MAGNETIC CHARACTERISTICS
Table 1. Magnetic Characteristics
Parameter
Symbol
Value
Unit
Test Conditions/Comments
MAXIMUM MAGNETIC FIELD STRENGTH ON
SENSE FIELD AXIS
BSENSE
±8
mT
REFERENCE ERROR
Position
±50
μm
Reference position is the center of the package top
Angle
±3
Degrees
Reference position for angle Φ = 0° is parallel to the horizontal line of
the package top
MAGNETIC RANGE CHARACTERISTICS
−40°C ≤ TA ≤ +125°C, supply voltage (VDD) = 4.5 V to 5.5 V, and the VOUT pin has a 1 kΩ resistor load (ROUT) with a 1 nF capacitor load
(COUT) to GND. The output voltage (VOUT) is taken between the ROUT and COUT components. The VOUT common mode is set to VSET/2, where
VSET is the voltage on the VSET pin and is tied to VDD, unless otherwise stated.
Table 2. Magnetic Range ±2 mT
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY PARAMETERS
Ideal Sensitivity1, 2
SCOEFF1
TA = 25°C, VDD= 5 V, G = 80
199.25
mV/mT
TA = 25°C, VDD = 5 V, G = 40
99.75
mV/mT
TA = 25°C, VDD = 5 V, G = 20
50
mV/mT
Nonlinearity Coefficient3
SCOEFF3
TA = 25°C, VDD = 5 V, G = 80
8.28 x 10−8
mV3/mT
Sensitivity Initial Error2
SERROR
TA = 25°C
−1
+1
%SCOEFF1
Sensitivity Error over Temperature2
SERROR_TC
TA = −20°C to +85°C
−0.32
+2.93
%SCOEFF1
TA = −40°C to +125°C
−2.6
+2.93
%SCOEFF1
Linearity Error
LERROR
±2 mT range, full-scale ratio (FSR) = 4 mT
−0.2
+0.2
%FSR
Maximum Cross Field Strength
Sensitivity Error due to a Cross Field2 SERROR_BC
Cross field (BCROSS) = ±0.5 mT
0.08
%SCOEFF1
BCROSS = sense field (BSENSE) = ±2 mT
1.2
2.3
%SCOEFF1
Sensitivity Lifetime Error2
0.003
%SCOEFF1
1 Ideal sensitivity, factory trimmed and calculated with the linear best-fit, is measured from the following points: ±2 mT, ±1 mT, and ±0.5 mT.
2 Production tested at ±1 mT. Full range guaranteed by design and/or characterization.
3 Ideal coefficient, factory trimmed and calculated with the third-order best-fit, is measured from the following points: ±2 mT, ±1 mT, and ±0.5 mT.
Table 3. Magnetic Range ±4 mT
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY PARAMETERS
Ideal Sensitivity1, 2
SCOEFF1
TA = 25°C, VDD = 5 V, G = 80
195
mV/mT
TA = 25°C, VDD = 5 V, G = 40
97.5
mV/mT
TA = 25°C, VDD = 5 V, G = 20
48.75
mV/mT
Nonlinearity Coefficient3
SCOEFF3
TA = 25°C, VDD = 5 V, G = 80
8.17 x 10−8
mV3 /mT
Sensitivity Initial Error2
SERROR
TA = 25°C
−1
+1
%SCOEFF1
Sensitivity Error over Temperature2
SERROR_TC
TA = −20°C to +85°C
−0.32
+2.9
%SCOEFF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com