Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080 Datasheet(PDF) 32 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 28Page - Analog Devices ADAF1080 Datasheet HTML 29Page - Analog Devices ADAF1080 Datasheet HTML 30Page - Analog Devices ADAF1080 Datasheet HTML 31Page - Analog Devices ADAF1080 Datasheet HTML 32Page - Analog Devices ADAF1080 Datasheet HTML 33Page - Analog Devices ADAF1080 Datasheet HTML 34Page - Analog Devices ADAF1080 Datasheet HTML 35Page - Analog Devices ADAF1080 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
Data Sheet
ADAF1080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 32 of 36
DESIGN EXAMPLES
Single-Axis Magnetic Field Sensor
A design example for a single-axis magnetometer capable of
measuring a wide range of ±8 mT magnetic fields using a single
ADAF1080 is shown in Figure 58 where the ADAF1080 with G =
80 and a 20 kHz output filter is connected to an AD4002 ADC
with a 5 V reference voltage. A microcontroller connected to such
a configuration can be used as a single-axis magnetometer meas-
uring a wide range of ±8 mT or for accurate contactless current
measurement.
Figure 58. Design Example with 5 V ADC and 20 kHz Filter
Table 18. Component Values for the Design Example with 5 V ADC and 20 kHz Filter
Component
Description
Suggested Part Number
ADAF1080
Integrated ±8 mT AMR magnetic field sensor and signal conditioner
ADAF1080BCPZ
AD4002
18-bit, 2 MSPS, precision, pseudo differential, SAR ADC
AD4002BRMZ
C1
1 µF ceramic capacitor, 16 V, 0603
CGA3E1X7R1C105K080AC
C2 and CFLIP
10 µF ceramic capacitors, 25 V, 0805
GRM21BR61E106KA73L
C3
0.1 µF ceramic capacitor
CL10B104KB8NNWC
COUT
10 nF ceramic capacitor
06035C103JAT2A
ROUT
820 Ω resistor, 1/10 W, 1%, 0603, surface-mount device (SMD)
RC0603FR-10820RL
RFLIP
10 Ω resistor, 1/10 W, 1%, 0603, SMD
WR06X10R0FTL
CFLIP
10 µF ceramic capacitors, 25 V, 0805
GRM21BR61E106KA73L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com