Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080 Datasheet(PDF) 12 Page - Analog Devices

Part # ADAF1080
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADAF1080 Datasheet HTML 8Page - Analog Devices ADAF1080 Datasheet HTML 9Page - Analog Devices ADAF1080 Datasheet HTML 10Page - Analog Devices ADAF1080 Datasheet HTML 11Page - Analog Devices ADAF1080 Datasheet HTML 12Page - Analog Devices ADAF1080 Datasheet HTML 13Page - Analog Devices ADAF1080 Datasheet HTML 14Page - Analog Devices ADAF1080 Datasheet HTML 15Page - Analog Devices ADAF1080 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Data Sheet
ADAF1080
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 36
Figure 5. Output Voltage vs. Sense Field, VSET = VDD= 5 V, G = 80
Figure 6. Output Voltage vs. Sense Field, VSET = VDD= 5 V, G = 40
Figure 7. Output Voltage vs. Sense Field, VDD = VSET = 5 V, G = 20
Figure 8. Output Voltage vs. Sense Field, VSET= 3.3 V, VDD = 5 V, G = 40
Figure 9. Output Voltage vs. Sense Field, VSET = 1.8 V, VDD = 5 V, G = 20
Figure 10. Quiescent Supply Current vs. Temperature for All Gain Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com