Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1350B Datasheet (PDF) - Cypress Semiconductor

CY7C1350B Datasheet PDF - Cypress Semiconductor
Part # CY7C1350B
Download  CY7C1350B Download
File Size   200.36 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128Kx36 Pipelined SRAM with NoBL Architecture

CY7C1350B Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1350B Datasheet PDF - Cypress Semiconductor

Part # CY7C1350B
Download  CY7C1350B Click to download

File Size   200.36 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128Kx36 Pipelined SRAM with NoBL Architecture

CY7C1350B Datasheet (HTML) - Cypress Semiconductor


CY7C1350B Product details

Functional Description
The CY7C1350B is a 3.3V, 128K by 36 synchronous-pipelined Burst SRAM designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1350B is equipped with the advanced No Bus Latency™ (NoBL™) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of the SRAM, especially in systems that require frequent Write/Read transitions. The CY7C1350B is pin/functionally compatible to ZBT SRAMs IDT71V546, MT55L128L36P, and MCM63Z736.

Features
• Pin compatible and functionally equivalent to ZBT™ devices IDT71V546, MT55L128L36P, and MCM63Z736
• Supports 166-MHz bus operations with zero wait states
   — Data is transferred on every clock
• Internally self-timed output buffer control to eliminate the need to use OE
• Fully registered (inputs and outputs) for pipelined operation
• Byte Write capability
• 128K x 36 common I/O architecture
• Single 3.3V power supply
• Fast clock-to-output times
   — 3.5 ns (for 166-MHz device)
   — 3.8 ns (for 150-MHz device)
   — 4.0 ns (for 143-MHz device)
   — 4.2 ns (for 133-MHz device)
   — 5.0 ns (for 100-MHz device)
   — 7.0 ns (for 80-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed writes
• Asynchronous output enable
• JEDEC-standard 100 TQFP package
• Burst Capability—linear or interleaved burst order
• Low standby power (17.325 mW max.)




Similar Part No. - CY7C1350B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350F-100AC CYPRESS-CY7C1350F-100AC Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350F-100AI CYPRESS-CY7C1350F-100AI Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350F-100BGC CYPRESS-CY7C1350F-100BGC Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1350F-100BGI CYPRESS-CY7C1350F-100BGI Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
More results


Similar Description - CY7C1350B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1350F CYPRESS-CY7C1350F Datasheet
539Kb / 16P
4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
logo
Weida Semiconductor, In...
WCSN0436V1P WEIDA-WCSN0436V1P Datasheet
286Kb / 14P
128Kx36 Pipelined SRAM with NoBL TM Architecture
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
256K x18 Pipelined SRAM with NoBL Architecture
CY7C1351 CYPRESS-CY7C1351 Datasheet
185Kb / 13P
128Kx36 Flow-Through SRAM with NoBL TM Architecture
CY7C1334H CYPRESS-CY7C1334H Datasheet
575Kb / 13P
2-Mbit (64K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com