Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C1334H Datasheet (PDF) - Cypress Semiconductor

CY7C1334H Datasheet PDF - Cypress Semiconductor
Part # CY7C1334H
Download  CY7C1334H Download
File Size   575.53 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (64K x 32) Pipelined SRAM with NoBL??Architecture

CY7C1334H Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C1334H Datasheet PDF - Cypress Semiconductor

Part # CY7C1334H
Download  CY7C1334H Click to download

File Size   575.53 Kbytes
Page   13 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2-Mbit (64K x 32) Pipelined SRAM with NoBL??Architecture

CY7C1334H Datasheet (HTML) - Cypress Semiconductor


CY7C1334H Product details

Functional Description[1]
The CY7C1334H is a 3.3V/2.5V, 64K x 32 synchronous-pipelined Burst SRAM designed specifically to support unlimited true back-to-back Read/Write operations without the insertion of wait states. The CY7C1334H is equipped with the advanced No Bus Latency™ (NoBL™) logic required to enable consecutive Read/Write operations with data being transferred on every clock cycle. This feature dramatically improves the throughput of the SRAM, especially in systems that require frequent Write/Read transitions.

Features
• Pin compatible and functionally equivalent to ZBT™ devices
• Internally self-timed output buffer control to eliminate the need to use OE
• Byte Write capability
• 64K x 32 common I/O architecture
• 3.3V core power supply
• 3.3V/2.5V I/O operation
• Fast clock-to-output times
   — 3.5 ns (for 166-MHz device)
   — 4.0 ns (for 133-MHz device)
• Clock Enable (CEN) pin to suspend operation
• Synchronous self-timed write
• Asynchronous output enable (OE)
• Offered in Lead-Free JEDEC-standard 100-pin TQFP package
• Burst Capability—linear or interleaved burst order
• “ZZ” Sleep mode option




Similar Part No. - CY7C1334H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
CY7C133-25 CYPRESS-CY7C133-25 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
CY7C133-25JC CYPRESS-CY7C133-25JC Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
CY7C133-25JI CYPRESS-CY7C133-25JI Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
CY7C133-35JC CYPRESS-CY7C133-35JC Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
More results


Similar Description - CY7C1334H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1352F CYPRESS-CY7C1352F Datasheet
291Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G Datasheet
223Kb / 13P
4-Mbit (256Kx18) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1378B CYPRESS-CY7C1378B Datasheet
351Kb / 14P
9-Mbit (256K x 32) Pipelined SRAM with NoBL Architecture
CY7C1329H CYPRESS-CY7C1329H Datasheet
711Kb / 16P
2-Mbit (64K x 32) Pipelined Sync SRAM
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_06 Datasheet
330Kb / 12P
4-Mbit (256K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1378C CYPRESS-CY7C1378C Datasheet
310Kb / 13P
9-Mbit (256K x 32) Pipelined SRAM with NoBL??Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1352G CYPRESS-CY7C1352G_13 Datasheet
555Kb / 21P
4-Mbit (256 K x 18) Pipelined SRAM with NoBL??Architecture
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com