Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH162245 Datasheet (PDF) - NXP Semiconductors

74ALVCH162245 Datasheet PDF - NXP Semiconductors
Part # 74ALVCH162245
Download  74ALVCH162245 Download
File Size   94.97 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State

74ALVCH162245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH162245 Datasheet PDF - NXP Semiconductors

Part # 74ALVCH162245
Download  74ALVCH162245 Click to download

File Size   94.97 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State

74ALVCH162245 Datasheet (HTML) - NXP Semiconductors


74ALVCH162245 Product details

DESCRIPTION
The 74ALVCH162245 is a 16-bit transceiver featuring non-inverting 3-State bus compatible outputs in both send and receive directions.
   
FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple VCC and ground pins for minimum noise
    and ground bounce
• Direct interface with TTL levels
• Bus hold on all data inputs
• Integrated 30Ω termination resistor
   




Similar Part No. - 74ALVCH162245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74ALVCH162245 IDT-74ALVCH162245 Datasheet
102Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Nexperia B.V. All right...
74ALVCH162245 NEXPERIA-74ALVCH162245 Datasheet
195Kb / 14P
16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
74ALVCH162245DGG NEXPERIA-74ALVCH162245DGG Datasheet
195Kb / 14P
16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
logo
Integrated Device Techn...
74ALVCH162245PAG IDT-74ALVCH162245PAG Datasheet
99Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCIEVER
logo
Renesas Technology Corp
74ALVCH162245PAG RENESAS-74ALVCH162245PAG Datasheet
300Kb / 8P
3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD
AUGUST 2016
More results


Similar Description - 74ALVCH162245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74ALVCH162244 PHILIPS-74ALVCH162244 Datasheet
90Kb / 11P
16-bit buffer/line driver with 30ohm termination resistor 3-State
1998 Jun 29
74LVC162245A PHILIPS-74LVC162245A Datasheet
84Kb / 10P
16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
2003 Dec 08
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
74ALVCH162245 NEXPERIA-74ALVCH162245 Datasheet
195Kb / 14P
16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com