Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH162245DGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVCH162245DGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVCH162245DGG
Download  74ALVCH162245DGG Download
File Size   195.31 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state

74ALVCH162245DGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH162245DGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVCH162245DGG
Download  74ALVCH162245DGG Click to download

File Size   195.31 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state

74ALVCH162245DGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVCH162245DGG Product details

1 General description
The 74ALVCH162245 is a 16-bit transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions.
The 74ALVCH162245 features two output enable (nOE) inputs for easy cascading and
two send/receive (nDIR) inputs for direction control. nOE controls the outputs so that the
buses are effectively isolated. This device can be used as two 8-bit transceivers or one
16-bit transceiver.
The 74ALVCH162245 is designed with 30 Ω series resistors in both HIGH and LOW
output states.
The 74ALVCH162245 has active bus hold circuitry which is provided to hold unused or
floating data inputs at a valid logic level. This feature eliminates the need for external
pull-up or pull-down resistors.
2 Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low power consumption
• MultiByte flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Bus hold on all data inputs
• Integrated 30 Ω termination resistor
• Complies with JEDEC standards:
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
– CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVCH162245DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162245DGG PHILIPS-74ALVCH162245DGG Datasheet
94Kb / 11P
16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
More results


Similar Description - 74ALVCH162245DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74ALVCH162245 PHILIPS-74ALVCH162245 Datasheet
94Kb / 11P
16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
74ALVCH162244 NEXPERIA-74ALVCH162244 Datasheet
185Kb / 14P
16-bit buffer/line driver with 30 Ω termination resistor; 3-State
Rev. 3 - 16 January 2018
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com