Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH162601 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVCH162601 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVCH162601
Download  74ALVCH162601 Download
File Size   233.64 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver with 30 Ω termination resistor; 3-state

74ALVCH162601 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH162601 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVCH162601
Download  74ALVCH162601 Click to download

File Size   233.64 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver with 30 Ω termination resistor; 3-state

74ALVCH162601 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVCH162601 Product details

1. General description
The 74ALVCH162601 is an 18-bit universal transceiver featuring non-inverting 3-state bus
compatible outputs in both send and receive directions. Data flow in each direction is controlled by
output enable (OEAB and OEBA), latch enable (LEAB and LEBA) and clock (CPAB and CPBA)
inputs. For A-to-B data flow, the device operates in the transparent mode when LEAB is HIGH.
When LEAB is LOW, the A data is latched if CPAB is held at a HIGH or LOW logic level. If LEAB is
LOW, the A-bus data is stored in the latch/flip-flop on the LOW-to-HIGH transition of CPAB. When
OEAB is LOW, the outputs are active. When OEAB is HIGH, the outputs are in the high-impedance
state. The clocks can be controlled with the clock-enable inputs (CEBA and CEAB).
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA.
To ensure the high impedance state during power up or power down, OEBA and OEAB should
be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the
current-sinking/current-sourcing capability of the driver.
The 74ALVCH162601 is designed with 30 Ω series resistors in both HIGH or LOW output stage.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
2. Features and benefits
• CMOS low power consumption
• MultiByte flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Direct interface with TTL levels
• Bus hold on data inputs
• Integrated 30 Ω termination resistors.
• Complies with JEDEC standards:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
• CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVCH162601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601 Datasheet
90Kb / 20P
18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
74ALVCH162601DGG PHILIPS-74ALVCH162601DGG Datasheet
90Kb / 20P
18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
logo
Texas Instruments
74ALVCH162601DLG4 TI-74ALVCH162601DLG4 Datasheet
361Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601DLRG4 TI-74ALVCH162601DLRG4 Datasheet
361Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH162601GRE4 TI-74ALVCH162601GRE4 Datasheet
361Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH162601

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601 Datasheet
90Kb / 20P
18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
1999 Oct 14
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH162601 PHILIPS-74ALVCH162601_15 Datasheet
104Kb / 20P
18-bit universal bus transceiver with 30 W termination resistor; 3-state
1999 Oct 14
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
74ALVCH162245 NEXPERIA-74ALVCH162245 Datasheet
195Kb / 14P
16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com