Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2011 Datasheet (PDF) - Anachip Corp

AP2011 Datasheet PDF - Anachip Corp
Part # AP2011
Download  AP2011 Download
File Size   201.14 Kbytes
Page   9 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Synchronous PWM with VFC Controller

AP2011 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2011 Datasheet PDF - Anachip Corp

Part # AP2011
Download  AP2011 Click to download

File Size   201.14 Kbytes
Page   9 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description Synchronous PWM with VFC Controller

AP2011 Datasheet (HTML) - Anachip Corp


AP2011 Product details

General Description
The AP2011 is a low-cost, full featured, synchronous voltage-mode controller designed for use in single ended power supply applications where efficiency is of primary concern. Synchronous operation allows for the elimination of heat sinks in many applications. The AP2011 is ideal for implementing DC/DC converters needed to power advanced microprocessors in low cost systems or in distributed power applications where efficiency is important. Internal level-shift, high-side drive circuitry, and preset shoot-thru control, allows the use of inexpensive 1P+1N-channel power switches.

Features
- Single 10V to 40V Supply Application
- 1.25V + 2.0% Voltage Reference
- Virtual Frequency ControlTM.
- Fast Transient Response.
- Synchronous Operation for High Efficiency
- Current Limit Function.
- Small Size with Minimum External Components
- Soft Start and Shutdown Functions
- Industrial Temperature Range
- Under Voltage Lockout Function
- SOP-14L Pb-Free Package

Applications
- Microprocessor Core Supply
- Low Cost Synchronous Applications
- Voltage Regulator Modules (VRM)
- Networking Power Supplies
- Sequenced Power Supplies
- Telecommunication Power Supplies.




Similar Part No. - AP2011

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
AP201208-ATC3 CTMICRO-AP201208-ATC3 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 2 Jan, 2021
logo
Kingbright Corporation
AP2012CGCK KINGBRIGHT-AP2012CGCK Datasheet
163Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP2012CGCK TO-GRACE-AP2012CGCK Datasheet
826Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
AP2012EC KINGBRIGHT-AP2012EC Datasheet
98Kb / 4P
2.0 X 1.2 mm SMD CHIP LED LAMP
AP2012EC KINGBRIGHT-AP2012EC Datasheet
115Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
More results


Similar Description - AP2011

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com