Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2011 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP2011
Description  Synchronous PWM with VFC Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2011 Datasheet(HTML) 3 Page - Anachip Corp

  AP2011 Datasheet HTML 1Page - Anachip Corp AP2011 Datasheet HTML 2Page - Anachip Corp AP2011 Datasheet HTML 3Page - Anachip Corp AP2011 Datasheet HTML 4Page - Anachip Corp AP2011 Datasheet HTML 5Page - Anachip Corp AP2011 Datasheet HTML 6Page - Anachip Corp AP2011 Datasheet HTML 7Page - Anachip Corp AP2011 Datasheet HTML 8Page - Anachip Corp AP2011 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP2011
Synchronous PWM Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.1 Apr 1, 2005
3/9
Electrical Characteristics
Unless specified: VIN=20V; GND = 0V;VO = 5V; TJ = 25
oC
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supply
VIN
Supply Voltage (Recommended)
10
-
40
V
IIN
Supply Current
-
8
10
mA
∆VLoad
Load Regulation
0A < ILoad < 3A
-
50
70
mV
∆VLINE
Line Regulation
VIN= 10V to 40V
ILoad =1A
-
110
150
mV
VCC
Internal Regulator Voltage
VIN =10V to 40V
8
8.5
9
V
VIN -VCC
VCC Dropout Voltage
-
1.5
3.0
V
VIN -PGATE P-Gate to Source Voltage (Off)
VIN =10V
VIN =40V
-0.4
-0.2
-
V
Error Comparator
AOL
Gain (AOL)
-
60
-
dB
IB
Input Bias
-
0.2
1
uA
Oscillator
DCMAX
Oscillator Max Duty Cycle
80
85
-
%
Protection
TDEAD
Dead Time
100
150
250
nS
IOCSET
Over Current Set Isink
VIN –1.5V <
VOCSET < VIN
-
70
-
uA
Reference
Reference Voltage
1.225
1.25
1.275
V
VREF
Accuracy
0
oC to 70oC
-2
-
+ 2
%
Soft Start
ISSC
Charge Current
VSS = 1.5V
8.0
10
12
uA
ISSD
Discharge Current
VSS = 1.5V
1.3
2
2.7
uA
Under voltage lockout (UVLO)
VUT
Upper Threshold Voltage (VCC)
-
6.8
-
V
VLWT
Lower Threshold Voltage (VCC)
-
6.5
-
V
VHT
Hysteresis (VCC)
TA = 25ºC
-
300
-
mV
Note 1. Specification refers to Typical Application Circuit.
Note 2. This device is ESD sensitive. Use of standard ESD handling precautions is required.
Note 3. Abnormal condition; Ex: over-current, output over-voltage, under-voltage lockout, soft-start disappear.
Note 4. VCC pin should not be used to externally source current. It is not short protected.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com