Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2011 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP2011
Description  Synchronous PWM with VFC Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP2011 Datasheet(HTML) 1 Page - Anachip Corp

  AP2011 Datasheet HTML 1Page - Anachip Corp AP2011 Datasheet HTML 2Page - Anachip Corp AP2011 Datasheet HTML 3Page - Anachip Corp AP2011 Datasheet HTML 4Page - Anachip Corp AP2011 Datasheet HTML 5Page - Anachip Corp AP2011 Datasheet HTML 6Page - Anachip Corp AP2011 Datasheet HTML 7Page - Anachip Corp AP2011 Datasheet HTML 8Page - Anachip Corp AP2011 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP2011
Synchronous PWM with VFC Controller
Anachip Corp
www.anachip.com.tw
Rev. 1.1 Apr 1, 2005
1/9
Features
- Single 10V to 40V Supply Application
- 1.25V + 2.0% Voltage Reference
- Virtual Frequency Control
TM.
- Fast Transient Response.
- Synchronous Operation for High Efficiency
- Current Limit Function.
- Small Size with Minimum External Components
- Soft Start and Shutdown Functions
- Industrial Temperature Range
- Under Voltage Lockout Function
- SOP-14L Pb-Free Package
Applications
- Microprocessor Core Supply
- Low Cost Synchronous Applications
- Voltage Regulator Modules (VRM)
- Networking Power Supplies
- Sequenced Power Supplies
- Telecommunication Power Supplies.
Pin Assignments
SOP-14L
1
(Top View)
PVCC
OCSET
PHASE
PDRV
PGND
CAP
FB
AP2011
2
3
4
5
6
7
8
9
10
11
12
13
14
VCC
PGATE
VIN
NGATE
VREF
SGND
SS/SHDN
Ordering Information
AP2011 X X
Package
Packing
S: SOP-14L
Blank : Tube
A : Taping
General Description
The
AP2011
is
a
low-cost,
full
featured,
synchronous voltage-mode controller designed for
use in single ended power supply applications
where
efficiency
is
of
primary
concern.
Synchronous operation allows for the elimination of
heat sinks in many applications. The AP2011 is
ideal for implementing DC/DC converters needed to
power advanced microprocessors in low cost
systems or in distributed power applications where
efficiency is important. Internal level-shift, high-side
drive circuitry, and preset shoot-thru control, allows
the use of inexpensive 1P+1N-channel power
switches.
AP2011’s features include temperature ompensated
voltage reference, Virtual Frequency Control
TM method
to reduce external component count,
an internal virtual
frequency 200KHz oscillator, under-voltage lockout
protection, soft-start, shutdown function and current
sense comparator circuitry.
Virtual Frequency Control is a trademark of
PWRTEK, LLC.
Pin Descriptions
Pin Name
Pin
No.
Description
PGATE
1
Level shift-gate driver
VCC
2
Internal regulator voltage
PVCC
3
Power VCC
PDRV
4
PMOS Gat driver
PGND
5
Power Ground
NGATE
6
Low side driver output (N
MOSFET)
VIN
7
Chip supply voltage
CAP
8
Charge pump pin
SS/ SHDN
9
Soft start, a capacitor to
ground sets the slow start
time/set low for shutdown
function.
FB
10
Feedback input
OCSET
11
Sets the converter
over-current trip point
SGND
12
Signal Ground
PHASE
13
Input from the phase node
between the MOSFETs
VREF
14
Reference voltage


Similar Part No. - AP2011

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
AP201208-ATC3 CTMICRO-AP201208-ATC3 Datasheet
1Mb / 10P
SMD Type Amber Emitter
Rev 2 Jan, 2021
logo
Kingbright Corporation
AP2012CGCK KINGBRIGHT-AP2012CGCK Datasheet
163Kb / 5P
2.0x1.25mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP2012CGCK TO-GRACE-AP2012CGCK Datasheet
826Kb / 4P
2.0 x 1.25 mm SMD Chip LED Lamp
logo
Kingbright Corporation
AP2012EC KINGBRIGHT-AP2012EC Datasheet
98Kb / 4P
2.0 X 1.2 mm SMD CHIP LED LAMP
AP2012EC KINGBRIGHT-AP2012EC Datasheet
115Kb / 4P
2.0x1.25mm SMD CHIP LED LAMP
More results

Similar Description - AP2011

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
Synchronous PWM Controller
May, 2010 ??Rev. 0
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
Advanced Power Electron...
APU3046 A-POWER-APU3046 Datasheet
230Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH
APU3073 A-POWER-APU3073 Datasheet
164Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
Synchronous PWM Controller
April, 2011 ??Rev. 1
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com