Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AONR20485 Datasheet (PDF) - Alpha & Omega Semiconductors

AONR20485 Datasheet PDF - Alpha & Omega Semiconductors
Part # AONR20485
Download  AONR20485 Download
File Size   390.09 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V P-Channel MOSFET

AONR20485 Datasheet (PDF)

Go To PDF Page Download Datasheet
AONR20485 Datasheet PDF - Alpha & Omega Semiconductors

Part # AONR20485
Download  AONR20485 Click to download

File Size   390.09 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 40V P-Channel MOSFET

AONR20485 Datasheet (HTML) - Alpha & Omega Semiconductors


AONR20485 Product details

General Description
• Trench Power MOSFET technology
• Low RDS(ON)
• Low Gate Charge
• High Current Capability
• RoHS 2.0 and Halogen-Free Compliant

Applications
• Load Switch
• Battery Protection




Similar Part No. - AONR20485

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AONR21117 AOSMD-AONR21117 Datasheet
327Kb / 6P
20V P-Channel MOSFET
Rev.1.2: March 2019
AONR21305C AOSMD-AONR21305C Datasheet
482Kb / 6P
30V P-Channel MOSFET
Rev.2.0: January 2020
AONR21307 AOSMD-AONR21307 Datasheet
320Kb / 6P
30V P-Channel MOSFET
AONR21311C AOSMD-AONR21311C Datasheet
637Kb / 6P
30V P-Channel MOSFET
Rev.1.0: July 2020
AONR21321 AOSMD-AONR21321 Datasheet
323Kb / 6P
30V P-Channel MOSFET
Rev.1.0: November 2017
More results


Similar Description - AONR20485

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
40V P-Channel MOSFET
AO4485 AOSMD-AO4485_10 Datasheet
185Kb / 4P
40V P-Channel MOSFET
AOD413A AOSMD-AOD413A_11 Datasheet
212Kb / 6P
40V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4443 WHXPCB-AO4443 Datasheet
2Mb / 5P
40V P-Channel MOSFET
AO4485 WHXPCB-AO4485 Datasheet
1Mb / 4P
40V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4015 GOOD-ARK-SSF4015 Datasheet
671Kb / 5P
40V P-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com