Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4485 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4485 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4485
Download  AO4485 Download
File Size   1711.53 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 40V P-Channel MOSFET

AO4485 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4485 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4485
Download  AO4485 Click to download

File Size   1711.53 Kbytes
Page   4 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 40V P-Channel MOSFET

AO4485 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4485 Product details

General Description
The AO4485 uses advanced trench technology to provide excellent RDS(ON) with low gate charge. This device is suitable for use as a DC-DC converter application.

Product Summary
   VDS (V) = -40V
   ID = -10A (VGS = -10V)
   RDS(ON) < 15mΩ (VGS = -10V)
   RDS(ON) < 20mΩ (VGS = -4.5V)

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4485

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4485 AOSMD-AO4485 Datasheet
210Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO4485 AOSMD-AO4485 Datasheet
185Kb / 4P
40V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4485 KEXIN-AO4485 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4485 VBSEMI-AO4485 Datasheet
1Mb / 9P
P-Channel 40 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4485 DOINGTER-AO4485 Datasheet
553Kb / 4P
P-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4485

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
40V P-Channel MOSFET
AO4485 AOSMD-AO4485_10 Datasheet
185Kb / 4P
40V P-Channel MOSFET
AOD413A AOSMD-AOD413A_11 Datasheet
212Kb / 6P
40V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4443 WHXPCB-AO4443 Datasheet
2Mb / 5P
40V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4015 GOOD-ARK-SSF4015 Datasheet
671Kb / 5P
40V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONR20485 AOSMD-AONR20485 Datasheet
390Kb / 6P
40V P-Channel MOSFET
Rev.1.0: August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com