Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4443 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4443 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4443
Download  AO4443 Download
File Size   2183.32 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 40V P-Channel MOSFET

AO4443 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4443 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4443
Download  AO4443 Click to download

File Size   2183.32 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 40V P-Channel MOSFET

AO4443 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4443 Product details

General Description
The AO4443 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.
   
Product Summary
    VDS                                         -40V
    ID (at VGS=-10V)                      -6A
    RDS(ON) (at VGS=-10V)   < 42mΩ
    RDS(ON) (at VGS =-4.5V) < 63mΩ

    100% UIS Tested
    100% Rg Tested
   




Similar Part No. - AO4443

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443 Datasheet
114Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO4443 AOSMD-AO4443 Datasheet
314Kb / 5P
40V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4443 KEXIN-AO4443 Datasheet
1Mb / 4P
P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4443 VBSEMI-AO4443 Datasheet
959Kb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO4443 UMW-AO4443 Datasheet
1Mb / 5P
-40V P-Channel Enhancement Mode MOSFET
More results


Similar Description - AO4443

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4443 AOSMD-AO4443_11 Datasheet
314Kb / 5P
40V P-Channel MOSFET
AO4485 AOSMD-AO4485_10 Datasheet
185Kb / 4P
40V P-Channel MOSFET
AOD413A AOSMD-AOD413A_11 Datasheet
212Kb / 6P
40V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4485 WHXPCB-AO4485 Datasheet
1Mb / 4P
40V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF4015 GOOD-ARK-SSF4015 Datasheet
671Kb / 5P
40V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONR20485 AOSMD-AONR20485 Datasheet
390Kb / 6P
40V P-Channel MOSFET
Rev.1.0: August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com