Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M656-SAYMP-TR Datasheet (PDF) - Microchip Technology

MIC33M656-SAYMP-TR Datasheet PDF - Microchip Technology
Part # MIC33M656-SAYMP-TR
Download  MIC33M656-SAYMP-TR Download
File Size   1102.48 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A, Power Module Buck Converter with HyperLight Load® and I2C Interface

MIC33M656-SAYMP-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC33M656-SAYMP-TR Datasheet PDF - Microchip Technology

Part # MIC33M656-SAYMP-TR
Download  MIC33M656-SAYMP-TR Click to download

File Size   1102.48 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A, Power Module Buck Converter with HyperLight Load® and I2C Interface

MIC33M656-SAYMP-TR Datasheet (HTML) - Microchip Technology


MIC33M656-SAYMP-TR Product details

General Description
The Microchip MIC33M656 is an I2C programmable,
high-efficiency, low-voltage input, 6A current, synchronous
step-down regulator power module with
integrated inductor. The Constant-On-Time (COT) control
architecture with HyperLight Load® mode provides
very high efficiency at light loads, while still having
ultra-fast transient response.
The I2C interface allows programming the output
voltage, between 0.6V and 1.28V with 5 mV resolution,
or between 0.6V and 3.84V with 10 mV and 20 mV
resolution. Three different default voltage options
(0.6V, 0.9V and 1.0V) are provided so that the application
can be started with a safe voltage level and then
moved to high-performance modes under I2C control.
An open-drain Power Good output facilitates output
voltage monitoring and sequencing. If set in shutdown
(EN = GND), the MIC33M656 typically draws 1.5 μA,
while the output is discharged through a 10pull-down
(if the output discharge feature is enabled).
The MIC33M656 pinout is compatible with the
MIC33M650, so that applications can be easily
converted.
The 2.4V to 5.5V input voltage range, low shutdown and
quiescent currents make the MIC33M656 ideal for
single-cell Li-ion battery-powered applications. The 100%
duty cycle capability provides low dropout operation,
extending operating range in portable systems.
The MIC33M656 is available in a thermally efficient,
53-Lead, 6 mm x 10 mm x 3 mm B1QFN package, with
an operating junction temperature range from -40°C to +125°C.

Features
• Input Voltage Range: 2.4V to 5.5V
• 6A Output Current
• Multiple Faults Indication through I2C
• I2C Programmable:
- Output voltage: 0.6V-1.28V, 5 mV resolution;
0.6V-3.84V, 10/20 mV resolution
- Slew rate: 0.2 ms/V-3.2 ms/V
- On time (switching frequency)
- High-side current limit: 3.5A-10A
- Enable delay: 0.2 ms-3 ms
- Output discharge when disabled (EN = GND)
• High Efficiency (up to 95%)
• Ultra-Fast Transient Response
• ±1.5% Output Voltage Accuracy Over
Line/Load/Temperature Range
• Safe Start-up with Pre-Biased Output
• Typical 1.5 μA Shutdown Supply Current
• Low Dropout (100% Duty Cycle) Operation
• I2C Speed, Up to 3.4 MHz
• Latch-Off Thermal Shutdown Protection
• Latch-Off Current Limit Protection
• Meets CISPR32 Class B Emissions
• Power Good (PG) Open-Drain Output
• Package: 53-Lead, 6 mm x 10 mm B1QFN

Applications
• Solid-State Drives (SSD)
• FPGAs, DSP and Low-Voltage ASIC Power




Similar Part No. - MIC33M656-SAYMP-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP MICROCHIP-MIC33M650YMP Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP-TR MICROCHIP-MIC33M650YMP-TR Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
More results


Similar Description - MIC33M656-SAYMP-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23153 MICREL-MIC23153 Datasheet
761Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23051 MICREL-MIC23051_09 Datasheet
735Kb / 13P
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23158 MICREL-MIC23158 Datasheet
972Kb / 20P
3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23158 MICREL-MIC23158_13 Datasheet
943Kb / 21P
3MHz PWM Dual 2A Buck Regulator with HyperLight Load and Power Good
logo
Microchip Technology
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC23350 MICROCHIP-MIC23350 Datasheet
946Kb / 28P
3A Step-Down Converter with HyperLight Load® and Output Voltage Select
Revision A March 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com