Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M650YMP-TR Datasheet (PDF) - Microchip Technology

MIC33M650YMP-TR Datasheet PDF - Microchip Technology
Part # MIC33M650YMP-TR
Download  MIC33M650YMP-TR Download
File Size   857.39 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select

MIC33M650YMP-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC33M650YMP-TR Datasheet PDF - Microchip Technology

Part # MIC33M650YMP-TR
Download  MIC33M650YMP-TR Click to download

File Size   857.39 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select

MIC33M650YMP-TR Datasheet (HTML) - Microchip Technology


MIC33M650YMP-TR Product details

General Description
The MIC33M650 is a pin-selectable output voltage,
high-efficiency, low-voltage input, 6A current, synchronous
step-down regulator power module with integrated
inductor. The COT control architecture with HyperLight
Load® mode provides very high efficiency at light loads,
while still having an ultra-fast transient response.
The MIC33M650 output voltage is set by two VSEL
(Voltage Selection) pins, between nine different values.
This method eliminates the need for an external feedback
resistor divider and improves the output voltage
setting accuracy.
The 2.4V to 5.5V input voltage range, low shutdown and
quiescent currents make the MIC33M650 ideal for
single-cell Li-Ion battery-powered applications. The 100%
duty cycle capability provides low dropout operation,
extending operating range in portable systems.
The MIC33M650 pinout is compatible with the
MIC33M656 I2C-based programmable regulator version,
such that applications can be easily converted. An
open-drain PG output is provided to indicate when the
output voltage is within 9% of regulation and facilitates
the interface with an MCU or power sequencing. If set
in shutdown (EN = GND), the MIC33M650 typically
draws 1.5 μA, while the output is discharged through
10pull-down.
The MIC33M650 is available in a thermally efficient,
53-Lead, 6 mm x 10 mm x 3 mm B1QFN package, with
an operating junction temperature range from -40°C to +125°C.

Features
• 2.4V to 5.5V Input Voltage Range
• 6A Output Current
• Pin Strapping Voltage Selection:
- Tri-state pins (nine voltage options)
- 0.6V, 0.8V, 0.9V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V
or 3.3V output voltage
• Reduced Component Count (No Feedback
Resistors)
• High Efficiency (up to 95%)
• Output Discharge when Disabled
• Constant-On-Time (COT) Control with High
Switching Frequency:
- 1.2 MHz typical at 1.0V output voltage
• ±1.5% Output Voltage Accuracy Over
Line/Load/Temperature Range
• 0.8 ms/V Soft Start Speed
• Supports Safe Start-up with Pre-Biased Output
• Typical 1.5 μA Shutdown Supply Current
• Low Dropout Operation (100% Duty Cycle)
• Ultra-Fast Transient Response
• Latch-Off Thermal Shutdown Protection
• Latch-Off Current Limit Protection
• Power Good (PG) Open-Drain Output
• Meets CISPR32 Class B Emissions
• Package: 53-Lead, 6 mm x 10 mm B1QFN

Applications
• Solid-State Drives (SSD)
• FPGAs, DSP and Low-Voltage ASIC Power




Similar Part No. - MIC33M650YMP-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33M656 MICROCHIP-MIC33M656 Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-FAYMP-TR MICROCHIP-MIC33M656-FAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-HAYMP-TR MICROCHIP-MIC33M656-HAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-SAYMP-TR MICROCHIP-MIC33M656-SAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
More results


Similar Description - MIC33M650YMP-TR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Enpirion, Inc.
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051_09 Datasheet
735Kb / 13P
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
MIC23155 MICREL-MIC23155 Datasheet
732Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
MIC23153 MICREL-MIC23153_11 Datasheet
792Kb / 18P
4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
logo
Microchip Technology
MIC33M350 MICROCHIP-MIC33M350 Datasheet
1Mb / 32P
3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
02/28/20
MIC33M656 MICROCHIP-MIC33M656 Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC23350 MICROCHIP-MIC23350 Datasheet
946Kb / 28P
3A Step-Down Converter with HyperLight Load® and Output Voltage Select
Revision A March 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com