Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23350 Datasheet (PDF) - Microchip Technology

MIC23350 Datasheet PDF - Microchip Technology
Part # MIC23350
Download  MIC23350 Download
File Size   946.22 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A Step-Down Converter with HyperLight Load® and Output Voltage Select

MIC23350 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC23350 Datasheet PDF - Microchip Technology

Part # MIC23350
Download  MIC23350 Click to download

File Size   946.22 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A Step-Down Converter with HyperLight Load® and Output Voltage Select

MIC23350 Datasheet (HTML) - Microchip Technology


MIC23350 Product details

General Description
The MIC23350 is a high-efficiency, low-voltage, 3A
synchronous step-down regulator. The
Constant-ON-Time (COT) control architecture with
HyperLight Load® provides very high efficiency at light
loads, while still having ultra-fast transient response.
The MIC23350 output voltage is set by two VSEL
(Voltage Selection) pins, between nine different values.
This method eliminates the need for an external
feedback resistor divider and improves the output
voltage setting accuracy.
The 2.4V to 5.5V input voltage range, low shutdown
and quiescent currents make the MIC23350 ideal for
single-cell Li-Ion battery-powered applications. The
100% duty cycle capability provides low dropout
operation, extending operating range in portable
systems.
The MIC23350 pinout is compatible with the MIC23356
I2C-based programmable regulator version, such that
applications can be easily converted. An open-drain
Power Good output is provided to indicate when the
output voltage is within 9% of regulation and facilitates
the interface with an MCU, or power sequencing. If set
in shutdown (EN=GND), the MIC23350 typically draws
1.5 μA, while the output is discharged through 10
pull-down.
The MIC23350 is available in a thermally efficient, 16
Lead 2.5 mm x 2.5 mm x 0.55 mm thin FTQFN
package, with an operating junction temperature range
from –40°C to +125°C.

Features
• 2.4V to 5.5V Input Voltage Range
• 3A Continuous Output Current
• Pin Strapping Voltage Selection:
- Three-State pins (nine voltage options)
- 0.6V, 0.8V, 0.9V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V
or 3.3V output voltage
• Reduced Component Count (No Feedback
Resistors)
• High Efficiency (up to 95%)
• Output Discharge when Disabled
• Constant-ON-Time Control with High Switching
Frequency:
- 1.2 MHz typical at 1.0V output voltage
• ±1.5% Output Voltage Accuracy Over
Line/Load/Temperature Range
• 0.8 ms/V Soft Start Speed
• Supports Safe Start-Up with Pre-Biased Output
• Typical 1.5 μA Shutdown Supply Current
• Low Dropout Operation (100% Duty Cycle)
• Ultra-Fast Transient Response
• Latch-Off Thermal Shutdown Protection
• Latch-Off Current Limit Protection
• Power Good (PG) Open-Drain Output

Applications
• Solid State Drives (SSD)
• FPGAs, DSP and Low-Voltage ASIC Power




Similar Part No. - MIC23350

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC23303YML MICREL-MIC23303YML Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
logo
Microchip Technology
MIC23303YML MICROCHIP-MIC23303YML Datasheet
2Mb / 36P
Gigabit Ethernet Switch Evaluation Board
11/07/16
More results


Similar Description - MIC23350

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
3A STEP-DOWN PWM CONVERTER
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Micrel Semiconductor
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
logo
ON Semiconductor
LV5781 ONSEMI-LV5781 Datasheet
88Kb / 7P
3A, Point-of-load, Chopper-type Step-down Converter
August, 2013
logo
Analog Intergrations Co...
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
3A STEP-DOWN PWM CONVERTER
logo
Monolithic Power System...
EV0015 MPS-EV0015 Datasheet
211Kb / 4P
3A MP1583 Step Down Converter
logo
Microchip Technology
MIC33M350 MICROCHIP-MIC33M350 Datasheet
1Mb / 32P
3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
02/28/20
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M656 MICROCHIP-MIC33M656 Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
3A Step-Down Converter
Rev. 1.1
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com