Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet (PDF) - Microchip Technology

MIC33M350 Datasheet PDF - Microchip Technology
Part # MIC33M350
Download  MIC33M350 Download
File Size   1107.35 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select

MIC33M350 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC33M350 Datasheet PDF - Microchip Technology

Part # MIC33M350
Download  MIC33M350 Click to download

File Size   1107.35 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select

MIC33M350 Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC33M350

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP MICROCHIP-MIC33M650YMP Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP-TR MICROCHIP-MIC33M650YMP-TR Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M656 MICROCHIP-MIC33M656 Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-FAYMP-TR MICROCHIP-MIC33M656-FAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
More results


Similar Description - MIC33M350

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23163 MICREL-MIC23163 Datasheet
1Mb / 19P
4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23156 MICROCHIP-MIC23156 Datasheet
651Kb / 32P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
10/25/17
MIC33050 MICROCHIP-MIC33050 Datasheet
2Mb / 22P
4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
09/14/21
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC23350 MICROCHIP-MIC23350 Datasheet
946Kb / 28P
3A Step-Down Converter with HyperLight Load® and Output Voltage Select
Revision A March 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com