Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 5 Page - Microchip Technology

  MIC33M350 Datasheet HTML 1Page - Microchip Technology MIC33M350 Datasheet HTML 2Page - Microchip Technology MIC33M350 Datasheet HTML 3Page - Microchip Technology MIC33M350 Datasheet HTML 4Page - Microchip Technology MIC33M350 Datasheet HTML 5Page - Microchip Technology MIC33M350 Datasheet HTML 6Page - Microchip Technology MIC33M350 Datasheet HTML 7Page - Microchip Technology MIC33M350 Datasheet HTML 8Page - Microchip Technology MIC33M350 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 5
MIC33M350
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
SVIN, PVIN to AGND ...................................................................................................................................... -0.3V to +6V
VSW to AGND ................................................................................................................................................ -0.3V to +6V
VEN to AGND ................................................................................................................................................ -0.3V to PVIN
VPG to AGND................................................................................................................................................ -0.3V to PVIN
VVSEL1, VVSEL2 to AGND ............................................................................................................................. -0.3V to PVIN
PVIN to SVIN.............................................................................................................................................. -0.3V to +0.3V
AGND to PGND ........................................................................................................................................... -0.3V to +0.3V
Junction Temperature........................................................................................................................................... +150°C
Storage Temperature (TS)...................................................................................................................... -65°C to +150°C
Lead Temperature (soldering, 10s) ...................................................................................................................... +260°C
ESD Rating(1)
HBM ....................................................................................................................................................................... 2000V
CDM....................................................................................................................................................................... 1500V
Note 1: Devices are ESD-sensitive. Handling precautions recommended. Human body model, 1.5 k
 in series with
100 pF.
Operating Ratings(1)
Supply Voltage (PVIN) .................................................................................................................................. 2.4V to 5.5V
Enable Voltage (VEN) ...................................................................................................................................... 0V to PVIN
Power Good (PG) Pull-up Voltage (VPU_PG)................................................................................................... 0V to 5.5V
Maximum Output Current............................................................................................................................................. 3A
Junction Temperature (TJ)...................................................................................................................... -40°C to +125°C
Note 1: The device is not ensured to function outside the operating range.
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com