Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC33M350 Datasheet HTML 8Page - Microchip Technology MIC33M350 Datasheet HTML 9Page - Microchip Technology MIC33M350 Datasheet HTML 10Page - Microchip Technology MIC33M350 Datasheet HTML 11Page - Microchip Technology MIC33M350 Datasheet HTML 12Page - Microchip Technology MIC33M350 Datasheet HTML 13Page - Microchip Technology MIC33M350 Datasheet HTML 14Page - Microchip Technology MIC33M350 Datasheet HTML 15Page - Microchip Technology MIC33M350 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
MIC33M350
DS20006348B-page 12
 2020-2021 Microchip Technology Inc.
Note:
Unless otherwise indicated, PVIN = 5V, VOUT = 1V, COUT = 47 µF, TA = +25°C.
FIGURE 2-19:
Power-Up Into Short Circuit.
FIGURE 2-20:
Output Current Limit
Threshold.
FIGURE 2-21:
Hiccup Mode Short Circuit
Current Limit Response.
FIGURE 2-22:
Switching Waveforms -
IOUT =50mA, HLL Mode.
FIGURE 2-23:
Switching Waveforms -
IOUT =3A.
FIGURE 2-24:
Load Transient Response.
VIN
5V/div
VOUT
500 mV/div
SW
5V/div
2ms/div
PG
5V/div
VOUT
1V/div
IOUT
5A/div
PG
5V/div
SW
5V/div
2ms/div
VOUT
1V/div
IOUT
5A/div
SW
5V/div
PG
5V/div
1ms/div
VOUT
50 mV/div
AC coupled
IOUT
50 mA/div
VIN
5V/div
SW
5V/div
1µs/div
VOUT
50 mV/div
AC coupled
SW
5V/div
VIN
5V/div
IOUT
5A/div
1µs/div
VOUT
100 mV/div
AC coupled
IOUT
5A/div
SW
5V/div
PG
5V/div
80 µs/div
Step from 0.5A to 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com