Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC33M350 Datasheet HTML 15Page - Microchip Technology MIC33M350 Datasheet HTML 16Page - Microchip Technology MIC33M350 Datasheet HTML 17Page - Microchip Technology MIC33M350 Datasheet HTML 18Page - Microchip Technology MIC33M350 Datasheet HTML 19Page - Microchip Technology MIC33M350 Datasheet HTML 20Page - Microchip Technology MIC33M350 Datasheet HTML 21Page - Microchip Technology MIC33M350 Datasheet HTML 22Page - Microchip Technology MIC33M350 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 19
MIC33M350
4.10
Switching Frequency
The switching frequency of the MIC33M350 is
determined by the internal On-Time (TON) calculation.
For an input voltage of 5V and an output voltage of 1V,
the typical value of TON is 180 ns. The resulting
switching frequency can be estimated by Equation 4-3.
EQUATION 4-3:
Equation 4-3 is only valid in continuous conduction
mode and for a lossless converter. In practice, losses
cause an increase of the switching frequency
compared to the ideal case. As the load current
increases, losses increase too and so does the
switching frequency.
The on-time calculation is adaptive, in that the TON
value is modulated based on the input voltage and on
the target output voltage to stabilize the switching
frequency against their variations. Losses are not
accounted for.
4.11
Undervoltage Protection (UVLO)
Undervoltage protection ensures that the IC has
enough voltage to bias the internal circuitry properly
and provide sufficient gate drive for the power
MOSFETs. When the input voltage starts to rise, both
power MOSFETs are off and the power good output is
pulled low. The IC starts at approximately 2.225V and
has a nominal 153 mV of hysteresis to prevent
chattering between the UVLO high and low states.
4.12
Overtemperature Fault
The MIC33M350 monitors the die junction temperature
to keep the IC operating properly. If the IC junction
temperature exceeds +165°C, both power MOSFETs
are immediately turned off. The IC is allowed to restart
when the die temperature falls below +143°C.
During recovery from a thermal shutdown event, if the
regulator hits another thermal shutdown event or a
current limit event causing hiccup before Power Good
can be achieved, the controller resets again. If this
happens more than four times in a row, then the part
enters the Latch-Off state, which turns off both
MOSFETs permanently. The MIC33M350 part does not
restart again unless the input power is cycled. This
Latch-Off feature eliminates the thermal stress on the
MIC33M350 during a persistent Fault event.
4.13
Safe Start-up Into a Pre-Biased
Output
The MIC33M350 is designed for safe start-up into a
pre-biased output in forced PWM. This feature
prevents high negative inductor current flow in a
pre-bias condition, which can damage the IC. This is
achieved by not allowing forced PWM until the control
loop commands eight switching cycles. After eight
cycles, the low-side negative current limit is switched
from 0A to -3A. The cycle counter is reset to zero if the
enable pin is pulled low, or an input undervoltage
condition or any other Fault is detected.
4.14
Current Limiting
The MIC33M350 regulator uses both high-side and
low-side current sense for current limiting. When the
high-side current sense threshold is reached, the
high-side MOSFET is turned off and the low-side
MOSFET is turned on. The low-side MOSFET stays on
until the current falls to 80% of the high-side current
threshold value, then the high side can be turned on
again. If the overload condition lasts for more than four
cycles, the MIC33M350 enters hiccup current limiting
and both MOSFETs are turned off. There is a 1 ms
cool-off period before the MOSFETs are allowed to be
turned on. If the regulator has another hiccup event
before it reaches the Power Good threshold on restart,
turn both MOSFETs off again and wait for 1 ms. If this
happens more than three times in a row, then the part
enters the Latch-Off state, which turns off both
MOSFETs permanently, unless the part is reset by
cycling the input power.
4.15 Thermal Considerations
Although the MIC33M350 is capable of delivering up to
3A under load, the package thermal resistance and the
device internal power dissipation may dictate some
limitations to the continuous output current.
If operated above the rated junction temperature,
electrical parameters may drift beyond characterized
specifications. The MIC33M350 is protected under all
circumstances by thermal shutdown.
VIN (V)
VOUT (V)
TON
50.6
110
1180
1.8
340
2.5
490
3.3
610
3.3
1
270
fSW
VOUT VIN TON

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com