Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC33M350 Datasheet HTML 13Page - Microchip Technology MIC33M350 Datasheet HTML 14Page - Microchip Technology MIC33M350 Datasheet HTML 15Page - Microchip Technology MIC33M350 Datasheet HTML 16Page - Microchip Technology MIC33M350 Datasheet HTML 17Page - Microchip Technology MIC33M350 Datasheet HTML 18Page - Microchip Technology MIC33M350 Datasheet HTML 19Page - Microchip Technology MIC33M350 Datasheet HTML 20Page - Microchip Technology MIC33M350 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 17
MIC33M350
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MIC33M350 device is a high-efficiency, 3A current,
synchronous buck regulator power module with inte-
grated inductor. The COT control architecture with
automatic HyperLight Load mode provides very high
efficiency at light loads and ultra-fast transient
response.
The MIC33M350 output voltage is set by two VSEL
three-state logic pins that can set the output voltage to
nine different values (see Table 4-1).
The 2.4V to 5.5V input voltage operating range makes
the device ideal for single cell Li-ion battery-powered
applications. The 100% duty cycle capability provides
Low Dropout operation, extending battery life in
portable systems. The automatic HyperLight Load
mode provides very high efficiency at light loads.
These devices focus on high output voltage accuracy.
Total output error is less than 1.5% over line, load and
temperature.
MIC33M350 focuses on high output voltage accuracy.
The MIC33M350 buck regulator uses an adaptive
Constant On-Time control method. The adaptive
on-time control scheme is employed to obtain a nearly
constant switching frequency and to simplify the control
compensation. Overcurrent protection is implemented
without the use of an external sense resistor. The
MIC33M350 device includes an internal soft start
function which reduces the power supply input surge
current at start-up by controlling the output voltage rise
time.
4.2
HyperLight Load® Mode (HLL)
HLL is a power-saving mode. In HLL, the switching
frequency is not constant over the operation current
range. At light loads, the minimum duty cycle is limited,
which causes the switching frequency to decrease at
light loads, this reduces switching and drive losses, and
increases efficiency.
4.3
Enable (EN)
When the EN pin is pulled low, the IC is in a Shutdown
state, with all internal circuits disabled and with the
Power Good output low. During shutdown, the
MIC33M350 part typically consumes 1.5 µA. When the
EN pin is pulled high, the start-up sequence is initiated.
4.4
Power Good (PG)
The Power Good output is generally used for power
sequencing, where the PG output is tied to the Enable
output of another regulator. This technique avoids all
the regulators powering up at the same time, which
causes large inrush current.
PG is an open-drain output that indicates that the
output is above 87% of its voltage set value. During
start-up, when the output voltage is rising, the Power
Good output goes high when the output voltage
reaches 91% of its set value. The Power Good
threshold has 4% hysteresis, so the Power Good
output stays high until the output voltage falls below
87% of the set value. A built-in 65 µs blanking time is
incorporated to prevent nuisance tripping.
A pull-up resistor can be connected to VIN, VOUT, or an
external source that is less than or equal to VIN. The
PG pin can be connected to another regulator’s enable
pin for sequencing of the outputs. The PG output is
deasserted as soon as the Enable pin is pulled low or
an input undervoltage condition, or any other Fault is
detected.
4.5
Resistive Discharge (Soft
Discharge)
To ensure a known output condition when the output is
turned off, then back on again (i.e. in a brown output
condition), the output is actively discharged to ground
by means of an internal 10
 resistor if the output is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com