Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 25 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MIC33M350 Datasheet HTML 21Page - Microchip Technology MIC33M350 Datasheet HTML 22Page - Microchip Technology MIC33M350 Datasheet HTML 23Page - Microchip Technology MIC33M350 Datasheet HTML 24Page - Microchip Technology MIC33M350 Datasheet HTML 25Page - Microchip Technology MIC33M350 Datasheet HTML 26Page - Microchip Technology MIC33M350 Datasheet HTML 27Page - Microchip Technology MIC33M350 Datasheet HTML 28Page - Microchip Technology MIC33M350 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 25
MIC33M350
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-1220A Sheet 2 of 2
24-Lead Plastic Quad Flat, No Lead Package (N6A) - 3x4.5 mm Body [QFN]
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal to Exposed Pad
Exposed Pad Width
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E2
A3
e
K1
E
N
0.50 BSC
0.203 REF
2.35
0.20
0.20
1.80
0.00
0.25
-
2.40
1.85
0.02
4.50 BSC
MILLIMETERS
MIN
NOM
24
2.45
-
0.30
1.90
0.05
MAX
Overall Length
Exposed Pad Length
D
D2
0.338
3.00 BSC
0.388
0.438
Exposed Pad Length
D3
1.344
1.394
1.444
Exposed Pad Width
E3
0.326
0.376
0.426
Terminal to Exposed Pad
K2
0.20
-
-
b2
0.08
0.13
0.18
Terminal Width
Terminal Length
L
0.35
0.40
0.45
Terminal Length
L2
0.20
0.25
0.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com