Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 1 Page - Microchip Technology

  MIC33M350 Datasheet HTML 1Page - Microchip Technology MIC33M350 Datasheet HTML 2Page - Microchip Technology MIC33M350 Datasheet HTML 3Page - Microchip Technology MIC33M350 Datasheet HTML 4Page - Microchip Technology MIC33M350 Datasheet HTML 5Page - Microchip Technology MIC33M350 Datasheet HTML 6Page - Microchip Technology MIC33M350 Datasheet HTML 7Page - Microchip Technology MIC33M350 Datasheet HTML 8Page - Microchip Technology MIC33M350 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
 2020-2021 Microchip Technology Inc.
DS20006348B-page 1
MIC33M350
Features
• 2.4V to 5.5V Input Voltage Range
• 3A Output Current
• Pin Strapping Voltage Selection:
- Three-state pins (nine voltage combinations)
- 0.6V, 0.8V, 0.9V, 1.0V, 1.2V, 1.5V, 1.8V, 2.5V
or 3.3V output voltage
• Passes Automotive AEC-Q104 Reliability Testing
• Reduced Component Count (no feedback
resistors)
• High Efficiency (up to 95%)
• Output Discharge when Disabled
• Constant On-Time Control with High Switching
Frequency:
- 1.2 MHz typical at 1.0V output voltage
• ±1.5% Output Voltage Accuracy Over
Line/Load/Temperature Range
• 0.8 ms/V Soft Start Speed
• Supports Safe Start-up with Pre-Biased Output
• Typical 1.5 µA Shutdown Supply Current
• Low Dropout Operation (100% duty cycle)
• Ultra Fast Transient Response
• Latch-Off Thermal Shutdown Protection
• Latch-Off Current Limit Protection
• Power Good (PG) Open-Drain Output
• Meets CISPR32 Class B Radiated EMI
• Meets CISPR 25 Class 5 Radiated EMI
• Package: 3.0 mm × 4.5 mm × 1.8 mm,
24-Lead QFN
Applications
• Solid State Drives (SSD)
• Tablets, Netbooks and Ultrabooks
• FPGAs, DSP and Low-Voltage ASIC Power
General Description
The MIC33M350 device is a pin-selectable output
voltage, high-efficiency, low-voltage input, 3A current,
synchronous step-down regulator power module with
integrated inductor. The Constant On-Time (COT)
control architecture with HyperLight Load provides very
high efficiency at light loads, while maintaining an
ultra-fast transient response.
The MIC33M350 output voltage is set by two VSEL
(Voltage Selection) pins, between nine different values.
This method eliminates the need for an external
feedback resistor divider and improves the output
voltage setting accuracy.
The 2.4V to 5.5V input voltage range, low shutdown
and quiescent currents make the MIC33M350 device
ideal for single cell Li-Ion battery-powered applications.
The 100% duty cycle capability provides Low Dropout
operation, extending operating range in portable
systems.
The MIC33M350 pinout is compatible with the
MIC33M356
I2C-based
programmable
regulator
version, such that applications can be easily converted.
An open-drain Power Good output is provided to
indicate when the output voltage is within 9% of
regulation and facilitates the interface with an MCU. If
set in shutdown (EN = GND), the MIC33M350 typically
draws 1.5 µA, while the output is discharged through
10
pull-down.
MIC33M350 is available in a thermally efficient
package: 24-Lead 3.0 mm x 4.5 mm x 1.8 mm QFN
package, with an operating junction temperature range
from -40°C to +125°C.
MIC33M350 passes Automotive AEC-Q104 Reliability
Testing.
FIGURE 1:
Radiated Emissions,
CISPR32, Class B (VIN = 5V, VOUT = 1V,
IOUT =3A).
Vertical Polarization
Horizontal Polarization
3A, Pin Strapping Power Module
with HyperLight Load® Mode and Output Voltage Select


Similar Part No. - MIC33M350

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP MICROCHIP-MIC33M650YMP Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M650YMP-TR MICROCHIP-MIC33M650YMP-TR Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC33M656 MICROCHIP-MIC33M656 Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
MIC33M656-FAYMP-TR MICROCHIP-MIC33M656-FAYMP-TR Datasheet
1Mb / 46P
6A, Power Module Buck Converter with HyperLight Load® and I2C Interface
Revision A September 2019
More results

Similar Description - MIC33M350

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23163 MICREL-MIC23163 Datasheet
1Mb / 19P
4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23450 MICREL-MIC23450_13 Datasheet
1Mb / 22P
3MHz, PWM, 2A Triple Buck Regulator with HyperLight Load짰 and Power Good
MIC23155 MICREL-MIC23155_12 Datasheet
1,000Kb / 19P
3MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
logo
Microchip Technology
MIC23156 MICROCHIP-MIC23156 Datasheet
651Kb / 32P
1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
10/25/17
MIC33050 MICROCHIP-MIC33050 Datasheet
2Mb / 22P
4 MHz Internal Inductor PWM Buck Power Module with HyperLight Load짰
09/14/21
MIC23153 MICROCHIP-MIC23153 Datasheet
3Mb / 26P
4 MHz PWM 2A Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
MIC33M650 MICROCHIP-MIC33M650 Datasheet
857Kb / 32P
6A, Pin Strapping Power Module with HyperLight Load® Mode and Output Voltage Select
Revision A September 2019
MIC23350 MICROCHIP-MIC23350 Datasheet
946Kb / 28P
3A Step-Down Converter with HyperLight Load® and Output Voltage Select
Revision A March 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com