Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 2 Page - Microchip Technology

  MIC33M350 Datasheet HTML 1Page - Microchip Technology MIC33M350 Datasheet HTML 2Page - Microchip Technology MIC33M350 Datasheet HTML 3Page - Microchip Technology MIC33M350 Datasheet HTML 4Page - Microchip Technology MIC33M350 Datasheet HTML 5Page - Microchip Technology MIC33M350 Datasheet HTML 6Page - Microchip Technology MIC33M350 Datasheet HTML 7Page - Microchip Technology MIC33M350 Datasheet HTML 8Page - Microchip Technology MIC33M350 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MIC33M350
DS20006348B-page 2
 2020-2021 Microchip Technology Inc.
FIGURE 2:
Radiated Emissions,
Horizontal Polarization Average,CISPR25,
Class 5 (VIN = 5V, VOUT = 1V, IOUT =3A).
FIGURE 3:
Radiated Emissions,
Vertical Polarization Average, CISPR25, Class 5
(VIN = 5V, VOUT = 1V, IOUT = 3A).
Package Type
Typical Application
MIC33M350
24-Lead QFN, 3.0 mm x 4.5 mm x 1.8 mm
(Top View)
12
11
10
9
21
22
23
24
EP2_PGND
EP_SW
EP_OUT
SW
PGND
PGND
OUT
AGND
VOUT
PG
EN
MIC33M350
OUT
VOUT
PGND
AGND
PG
C3
47
µF
C4
0.1
µF
VOUT
VSEL2
VSEL1
EN
Enable
VSEL2
VSEL1
SVIN
PVIN
C2
22
µF
VIN
2.4V TO 5.5V
Program
VOUT
C1
1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com