Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC33M350 Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC33M350
Description  3A, Pin Strapping Power Module with HyperLight Load짰 Mode and Output Voltage Select
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC33M350 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC33M350 Datasheet HTML 22Page - Microchip Technology MIC33M350 Datasheet HTML 23Page - Microchip Technology MIC33M350 Datasheet HTML 24Page - Microchip Technology MIC33M350 Datasheet HTML 25Page - Microchip Technology MIC33M350 Datasheet HTML 26Page - Microchip Technology MIC33M350 Datasheet HTML 27Page - Microchip Technology MIC33M350 Datasheet HTML 28Page - Microchip Technology MIC33M350 Datasheet HTML 29Page - Microchip Technology MIC33M350 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
MIC33M350
DS20006348B-page 26
 2020-2021 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Y2
Contact Pad Spacing
Contact Pad Length (X7)
Contact Pad Width (X24)
Contact Pitch
X1
C1
0.30
3.00
MILLIMETERS
0.50 BSC
MIN
E
MAX
0.65
Exposed Pad Length
X4
1.41
Microchip Technology Drawing C04-3220 Rev A
NOM
24-Lead Plastic Quad Flat, No Lead Package (N6A) - 3x4.5 mm Body [QFN]
1
2
24
Y1
Contact Pad Length (X24)
0.80
Exposed Pad Width
Y4
0.40
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
E
X3
C1
C2
EV
X4
X6
EV
Y6
Y2
X5
Y5
Y7
Y4
EV
8X ØV
SILK SCREEN
EV
Exposed Pad Width
X5
0.43
Exposed Pad Length
Y5
2.40
Terminal to Exposed Pad
X6
0.20
Terminal to Exposed Pad
Y6
0.50
X1
Y1
Contact Pad Spacing
C2
4.50
X3
Contact Pad Width
0.20
Terminal to Exposed Pad
Y7
0.20
Outer Features
Inner Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com