Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSM Datasheet (PDF) - C&K Components

TLSM Datasheet PDF - C&K Components
Part # TLSM
Download  TLSM Download
File Size   222.61 Kbytes
Page   2 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description 6 mm Compact Top Mount Endurance SMT Tact Switch

TLSM Datasheet (PDF)

Go To PDF Page Download Datasheet
TLSM Datasheet PDF - C&K Components

Part # TLSM
Download  TLSM Click to download

File Size   222.61 Kbytes
Page   2 Pages
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components
Description 6 mm Compact Top Mount Endurance SMT Tact Switch

TLSM Datasheet (HTML) - C&K Components


TLSM Product details

Features/Benefits
• 6.0 x 6.1 mm dimension
• Height 3.45 mm
• Soft actuator
• Long life - 3M cycles
• IP54




Similar Part No. - TLSM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSM1050 TOSHIBA-TLSM1050 Datasheet
308Kb / 14P
TOSHIBA LED Lamp
TLSM1052 TOSHIBA-TLSM1052 Datasheet
340Kb / 14P
TOSHIBA LED Lamp
TLSM1060 TOSHIBA-TLSM1060 Datasheet
315Kb / 14P
Panel Circuit Indicators
TLSM1108 TOSHIBA-TLSM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Similar Description - TLSM

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
Lighted SMT Tact Switch
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
Illuminated SMT Tact Switch
10 jan 18
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
KSC2TE CK-COMPONENTS-KSC2TE Datasheet
161Kb / 1P
Tireless Endurance Tact Switch
21 Apr 22
KSC4TE CK-COMPONENTS-KSC4TE Datasheet
210Kb / 1P
Tireless Endurance Tact Switch
27 Oct 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com