Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSM Datasheet(PDF) 1 Page - C&K Components

Part # TLSM
Description  6 mm Compact Top Mount Endurance SMT Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TLSM Datasheet(HTML) 1 Page - C&K Components

  TLSM Datasheet HTML 1Page - C&K Components TLSM Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
B–174
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
TLSM Series
6 mm Compact Top Mount Endurance SMT Tact Switch
5 Aug 22
LFS Lead free
compatible
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
T L S
Haptic/%
T3 30%
D SPDT
Operating Force
020 2N
Travel
C 0.3 mm
L F S
Features/Benefits
• 6.0 x 6.1 mm dimension
• Height 3.45 mm
• Soft actuator
• Long life - 3M cycles
• IP54
Typical Applications
• Elevator button & alarm
• Robotic vaccum
• Door handle
• Mower
NEW
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPDT, NC
TERMINALS: SMT termination
TRAVEL: 0.3 ± 0.2 mm
Mechanical
OPERATING LIFE: 2,000,000 cycles
Electrical
VOLTAGE: DC 1V to 16V
CURRENT: 10µA to 50mA
CONTACT RESISTANCE: 200mΩ max.
500mΩ max. after testing
INSULATION RESISTANCE: 100 MΩ min.
DIELECTRIC VOLTAGE: AC 250V
Environmental
OPERATING TEMPERATURE: -40˚C to 90˚C
STORAGE TEMPERATURE: -40˚C to 90˚C
Process
SOLDERING: This component is suited to the following
methods: Infrared Reflow Soldering in accordance with
IEC61760-1
Packaging
1100 pieces per reel
M
Termination
G Gull wing


Similar Part No. - TLSM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSM1050 TOSHIBA-TLSM1050 Datasheet
308Kb / 14P
TOSHIBA LED Lamp
TLSM1052 TOSHIBA-TLSM1052 Datasheet
340Kb / 14P
TOSHIBA LED Lamp
TLSM1060 TOSHIBA-TLSM1060 Datasheet
315Kb / 14P
Panel Circuit Indicators
TLSM1108 TOSHIBA-TLSM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results

Similar Description - TLSM

ManufacturerPart #DatasheetDescription
logo
C&K Components
K5AT CK-COMPONENTS-K5AT Datasheet
448Kb / 2P
Lighted SMT Tact Switch
logo
E-SWITCH
TL1015 E-SWITCH-TL1015 Datasheet
514Kb / 1P
TACT SWITCHS SMT - TOP ACTUATED
logo
C&K Components
PTS645VN13SMTR92LFS CK-COMPONENTS-PTS645VN13SMTR92LFS Datasheet
213Kb / 2P
6 mm SMT Side Actuated Tact Switch
K5AT CK-COMPONENTS-K5AT_V01 Datasheet
341Kb / 2P
Illuminated SMT Tact Switch
10 jan 18
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
PTS645V CK-COMPONENTS-PTS645V Datasheet
270Kb / 3P
6 mm SMT Side Actuated Tact Switch
14 Nov 22
KSC2TE CK-COMPONENTS-KSC2TE Datasheet
161Kb / 1P
Tireless Endurance Tact Switch
21 Apr 22
KSC4TE CK-COMPONENTS-KSC4TE Datasheet
210Kb / 1P
Tireless Endurance Tact Switch
27 Oct 22
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com