Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet (PDF) - Analog Devices

ADV7321 Datasheet PDF - Analog Devices
Part # ADV7321
Download  ADV7321 Download
File Size   1009.06 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs

ADV7321 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7321 Datasheet PDF - Analog Devices

Part # ADV7321
Download  ADV7321 Click to download

File Size   1009.06 Kbytes
Page   88 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs

ADV7321 Datasheet (HTML) - Analog Devices


ADV7321 Product details

GENERAL DESCRIPTION

The ADV®7320/ADV7321 are high speed, digital-to-analog encoders on single monolithic chips. They include six high speed NSV video D/A converters with TTL compatible inputs. They have separate 8-/10-, 16-/20-, and 24-/30-bit input ports that accept data in high definition and/or standard definition video format. For all standards, external horizontal, vertical, and blanking signals or EAV/SAV timing codes control the insertion of appropriate synchronization signals into the digital data stream and, therefore, the output signal.



FEATURES

  High definition input formats

     16-/20-, 24-/30-bit (4:2:2, 4:4:4) parallel YCrCb

  Fully compliant with:

     SMPTE 274M (1080i, 1080p @ 74.25 MHz)

     SMPTE 296M (720p)

     SMPTE 240M (1035i)

     RGB in 3- × 10-bit 4:4:4 input format

  HDTV RGB supported:

     RGB, RGBHV

     Other high definition formats using async timing mode

  Enhanced definition input formats

     8-/10-, 16-/20-, 24-/30-bit (4:2:2, 4:4:4) parallel YCrCb

     SMPTE 293M (525p)

     BTA T-1004 EDTV2 (525p)

     ITU-R BT.1358 (625p/525p)

     ITU-R BT.1362 (625p/525p)

     RGB in 3- × 10-bit 4:4:4 input format

  Standard definition input formats

     CCIR-656 4:2:2 8-/10-bit or 16-/20-bit parallel input

  High definition output formats

  YPrPb HDTV (EIA 770.3)

  RGB, RGBHV

  CGMS-A (720p/1080i)

  Enhanced definition output formats

     Macrovision Rev 1.2 (525p/625p) (ADV7320 only)

     CGMS-A (525p/625p)

     YPrPb progressive scan (EIA-770.1, EIA-770.2)

     RGB, RGBHV

  Standard definition output formats

     Composite NTSC M/N

     Composite PAL M/N/B/D/G/H/I, PAL-60

     SMPTE 170M NTSC-compatible composite video

     ITU-R BT.470 PAL-compatible composite video

     S-video (Y/C)

     EuroScart RGB

     Component YPrPb (Betacam, MII, SMPTE/EBU N10)

     Macrovision Rev 7.1.L1 (ADV7320 only)

        CGMS/WSS

        Closed captioning

    

  GENERAL FEATURES

    Simultaneous SD/HD, PS/SD inputs and outputs

    Oversampling up to 216 MHz

  Programmable DAC gain control

  Sync outputs in all modes

  On-board voltage reference

  Six 12-bit NSV (noise shaped video) precision video DACs

  2-wire serial I2C® interface, open-drain configuration

  Dual I/O supply 2.5 V/3.3 V operation

  Analog and digital supply 2.5 V

  On-board PLL

  64-lead LQFP package

  Lead (Pb) free product



APPLICATIONS

  EVD players (enhanced versatile disk)

  High end /SD/PS DVD recorders/players

  SD/progressive scan/HDTV display devices

  SD/HDTV set top boxes

  Professional video systems



 




Similar Part No. - ADV7321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results


Similar Description - ADV7321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
8/03-Data Sheet changed from REV. 0 to REV. A.
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV.0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
11/04-Revision 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com