Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 2 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 2 Page - Analog Devices

  ADV7321 Datasheet HTML 1Page - Analog Devices ADV7321 Datasheet HTML 2Page - Analog Devices ADV7321 Datasheet HTML 3Page - Analog Devices ADV7321 Datasheet HTML 4Page - Analog Devices ADV7321 Datasheet HTML 5Page - Analog Devices ADV7321 Datasheet HTML 6Page - Analog Devices ADV7321 Datasheet HTML 7Page - Analog Devices ADV7321 Datasheet HTML 8Page - Analog Devices ADV7321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 2 of 88
TABLE OF CONTENTS
Specifications..................................................................................... 6
Dynamic Specifications ................................................................... 7
Timing Specifications....................................................................... 8
Timing Diagrams.............................................................................. 9
Absolute Maximum Ratings.......................................................... 16
Thermal Characteristics ............................................................ 16
ESD Caution................................................................................ 16
Pin Configuration and Function Descriptions........................... 17
Typical Performance Characteristics ........................................... 19
MPU Port Description................................................................... 23
Register Access................................................................................ 25
Register Programming............................................................... 25
Subaddress Register (SR7 to SR0) ............................................ 25
Input Configuration ....................................................................... 38
Standard Definition Only.......................................................... 38
Progressive Scan Only or HDTV Only ................................... 38
Simultaneous Standard Definition and
Progressive Scan or HDTV ....................................................... 38
Progressive Scan at 27 MHz (Dual Edge) or 54 MHz ........... 39
Features ............................................................................................ 41
Output Configuration................................................................ 41
HD Async Timing Mode ........................................................... 42
HD Timing Reset........................................................................ 43
SD Real-Time Control, Subcarrier Reset, and
Timing Reset ............................................................................... 43
Reset Sequence............................................................................ 45
SD VCR FF/RW Sync................................................................. 45
Vertical Blanking Interval ......................................................... 46
Subcarrier Frequency Registers ................................................ 46
Square Pixel Timing Mode........................................................ 47
Filters............................................................................................ 48
Color Controls and RGB Matrix .............................................. 49
Programmable DAC Gain Control .......................................... 53
Gamma Correction .................................................................... 53
HD Sharpness Filter and Adaptive Filter Controls................ 55
HD Sharpness Filter and Adaptive Filter
Application Examples ................................................................ 56
SD Digital Noise Reduction...................................................... 57
Coring Gain Border ................................................................... 58
Coring Gain Data ....................................................................... 58
DNR Threshold .......................................................................... 58
Border Area................................................................................. 58
Block Size Control...................................................................... 58
DNR Input Select Control......................................................... 58
DNR Mode Control ................................................................... 59
Block Offset Control .................................................................. 59
SD Active Video Edge................................................................ 59
SAV/EAV Step Edge Control .................................................... 59
HSYNC/VSYNC Output Control ............................................ 61
Board Design and Layout.............................................................. 62
DAC Termination and Layout Considerations ...................... 62
Video Output Buffer and Optional Output Filter.................. 62
PCB Board Layout...................................................................... 63
Appendix 1—Copy Generation Management System .............. 65
PS CGMS..................................................................................... 65
HD CGMS................................................................................... 65
SD CGMS .................................................................................... 65
Function of CGMS Bits ............................................................. 65
CGMS Functionality.................................................................. 65
Appendix 2—SD Wide Screen Signaling .................................... 68
Appendix 3—SD Closed Captioning ........................................... 69
Appendix 4—Test Patterns............................................................ 70
Appendix 5—SD Timing Modes .................................................. 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com