Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 24Page - Analog Devices ADV7321 Datasheet HTML 25Page - Analog Devices ADV7321 Datasheet HTML 26Page - Analog Devices ADV7321 Datasheet HTML 27Page - Analog Devices ADV7321 Datasheet HTML 28Page - Analog Devices ADV7321 Datasheet HTML 29Page - Analog Devices ADV7321 Datasheet HTML 30Page - Analog Devices ADV7321 Datasheet HTML 31Page - Analog Devices ADV7321 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 28 of 88
Table 10. Register 0x12
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
0
0
0
0 clk cycles
0x00
0
0
1
1 clk cycles
0
1
0
2 clk cycles
0
1
1
3 clk cycles
HD Y Delay with Respect
to Falling Edge of HSYNC
1
0
0
4 clk cycles
0
0
0
0 clk cycles
0
0
1
1 clk cycle
0
1
0
2 clk cycles
0
1
1
3 clk cycles
HD Color Delay with
Respect to Falling Edge of
HSYNC
1
0
0
4 clk cycles
0
Disabled
HD CGMS
1
Enabled
0
Disabled
0x12
HD Mode
Register 3
HD CGMS CRC
1
Enabled
Table 11. Registers 0x13 to 0x14
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
0
Cb after falling edge of HSYNC.
0x4C
HD Cr/Cb Sequence
1
Cr after falling edge of HSYNC.
Reserved
0
0 must be written to this bit.
0
8-bit input.
HD Input Format
1
10-bit input.
0
Disabled.
Sinc Filter on DAC D, E, F
1
Enabled.
Reserved
0
0 must be written to this bit.
0
Disabled.
HD Chroma SSAF
1
Enabled.
0
4:4:4
HD Chroma Input
1
4:2:2
0
Disabled.
0x13
HD Mode
Register 4
HD Double Buffering
1
Enabled.
HD Timing Reset
x
A low-high-low transition
resets the internal HD timing
counters.
0x00
0
HD Hsync Generation1
1
0
HD Vsync Generation1
1
Refer to the / Output Control
section.
0
BLANK active high.
HD Blank Polarity
1
BLANK active low.
0
Macrovision disabled.
HD Macrovision for 525p
and 625p
1
Macrovision enabled.
Reserved
0
0 must be written to these bits.
0
0 = field input.
HD VSYNC/Field Input
1
1 = VSYNC input.
0
Update field/line counter.
0x14
HD Mode
Register 5
Horizontal/Vertical
Counters2
1
Field/line counter free running.
1 Used in conjunction with HD_SYNC in Register 0x02, Bit 7 set to 1.
2 When set to 0, the horizontal/vertical counters automatically wrap around at the end of the line/field/frame of the standard selected. When set to 1, the
horizontal/vertical counters are free running and wrap around when external sync signals indicate to do so.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com