Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 28Page - Analog Devices ADV7321 Datasheet HTML 29Page - Analog Devices ADV7321 Datasheet HTML 30Page - Analog Devices ADV7321 Datasheet HTML 31Page - Analog Devices ADV7321 Datasheet HTML 32Page - Analog Devices ADV7321 Datasheet HTML 33Page - Analog Devices ADV7321 Datasheet HTML 34Page - Analog Devices ADV7321 Datasheet HTML 35Page - Analog Devices ADV7321 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 32 of 88
Table 15. Registers 0x3E to 0x43
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
0x3E
Reserved
0x00
0x3F
Reserved
0x00
0
0
NTSC
0x00
0
1
PAL B, D, G, H, I
1
0
PAL M
SD Standard
1
1
PAL N
0
0
0
LPF NTSC
0
0
1
LPF PAL
0
1
0
Notch NTSC
0
1
1
Notch PAL
1
0
0
SSAF luma
1
0
1
Luma CIF
1
1
0
Luma QCIF
SD Luma Filter
1
1
1
Reserved
0
0
0
1.3 MHz
0
0
1
0.65 MHz
0
1
0
1.0 MHz
0
1
1
2.0 MHz
1
0
0
Reserved
1
0
1
Chroma CIF
1
1
0
Chroma QCIF
0x40
SD Mode Register 0
SD Chroma Filter
1
1
1
3.0 MHz
0x41
Reserved
0x00
0
Disabled
SD PrPb SSAF
1
Enabled
0x08
0
Refer to output
configuration section
SD DAC Output 1
1
0
Refer to output
configuration section
SD DAC Output 2
1
0
Disabled
SD Pedestal
1
Enabled
0
Disabled
SD Square Pixel
1
Enabled
0
Disabled
SD VCR FF/RW Sync
1
Enabled
0
Disabled
SD Pixel Data Valid
1
Enabled
0
Disabled
0x42
SD Mode Register 1
SD SAV/EAV Step
Edge Control
1
Enabled
0
No pedestal on YUV
SD Pedestal YPrPb
Output
1
7.5 IRE pedestal on YUV
0x00
0
Y = 700 mV/300 mV
SD Output Levels Y
1
Y = 714 mV/286 mV
0
0
700 mV p-p (PAL); 1000
mV p-p (NTSC)
0
1
700 mV p-p
1
0
1000 mV p-p
SD Output Levels PrPb
1
1
648 mV p-p
0
Disabled
SD VBI Open
1
Enabled
0
0
CC disabled
0
1
CC on odd field only
1
0
CC on even field only
SD CC Field Control
1
1
CC on both fields
0x43
SD Mode Register 2
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com