Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 45Page - Analog Devices ADV7321 Datasheet HTML 46Page - Analog Devices ADV7321 Datasheet HTML 47Page - Analog Devices ADV7321 Datasheet HTML 48Page - Analog Devices ADV7321 Datasheet HTML 49Page - Analog Devices ADV7321 Datasheet HTML 50Page - Analog Devices ADV7321 Datasheet HTML 51Page - Analog Devices ADV7321 Datasheet HTML 52Page - Analog Devices ADV7321 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 49 of 88
PS/HD Sinc Filter
[Subaddress 0x13, Bit 3]
FREQUENCY (MHz)
0.5
–0.5
30
5
0
10
15
20
25
0.4
0.1
–0.2
–0.3
–0.4
0.3
0.2
0
–0.1
Figure 67. HD Sinc Filter Enabled
FREQUENCY (MHz)
0.5
–0.5
30
5
0
10
15
20
25
0.4
0.1
–0.2
–0.3
–0.4
0.3
0.2
0
–0.1
Figure 68. HD Sinc Filter Disabled
COLOR CONTROLS AND RGB MATRIX
HD Y Level, HD Cr Level, HD Cb Level
[Subaddresses 0x16 to 0x18]
Three 8-bit registers at Addresses 0x16, 0x17, and 0x18 are used
to program the output color of the internal HD test pattern
generator, be it the lines of the cross hatch pattern or the
uniform field test pattern. They are not functional as color
controls for external pixel data input. For this purpose the RGB
matrix is used.
The values for Y and the color difference signals used to obtain
white, black, and saturated primary and complementary colors
conform to the ITU-R BT.601-4 standard.
Table 29 shows sample color values that can be programmed
into the color registers when the output standard selection is
set to EIA 770.2.
Table 29. Sample Color Values for EIA 770.2
Output Standard Selection
Sample Color
Y Value
Cr Value
Cb Value
White
235 (EB)
128 (80)
128 (80)
Black
16 (10)
128 (80)
128 (80)
Red
81 (51)
240 (F0)
90 (5A)
Green
145 (91)
34 (22)
54 (36)
Blue
41 (29)
110 (6E)
240 (F0)
Yellow
210 (D2)
146 (92)
16 (10)
Cyan
170 (AA)
16 (10)
166 (A6)
Magenta
106 (6A)
222 (DE)
202 (CA)
RGB Matrix
[Subaddresses 0x03 to 0x09]
The internal RGB matrix automatically performs all YCrCb to
RGB scaling according to the input standard programmed in
the device as selected by input mode Register 0x01 [6:4]. Table 30
shows the options available in this Matrix.
Note that it is not possible to do a color space conversion from
RGB-in to YPrPb-out. Also, it is not possible to input SD RGB.
Table 30. Matrix Conversion Options
HDTV/SD/PS
Input
Output
Reg 0x02,Bit 5
(YUV/RGB OUT)
Reg 0x15, Bit 1
(RGB IN/YCrCb IN,
PS/HD Only)
YCrCb
YPrPb
1
0
YCrCb
RGB
0
0
RGB
RGB
0
1
Manual RGB Matrix Adjust Feature
Normally, there is no need to enable this feature in Register 0x02,
Bit 3, because the RGB matrix automatically performs color
space conversion depending on the input mode chosen (SD/PS,
HD) and the polarity of RGB/YPrPb output in Register 0x02,
Bit 5 (see Table 30). For this reason, the manual RGB matrix
adjust feature is disabled by default. However, For HDTV
YCrCb-to-RGB conversion, the RGB matrix must be enabled to
invoke the correct coefficients for this color space. The
coefficients do not need to be adjusted.
The manual RGB matrix adjust feature provides custom
coefficient manipulation and is used in progressive scan and
high definition modes only.
When the manual RGB matrix adjust feature is enabled, the
default values in Registers 0x05 to 0x09 are correct for HDTV
color space only. The color components are converted
according to the 1080i and 720p standards (SMPTE 274M,
SMPTE 296M):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com