Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 26Page - Analog Devices ADV7321 Datasheet HTML 27Page - Analog Devices ADV7321 Datasheet HTML 28Page - Analog Devices ADV7321 Datasheet HTML 29Page - Analog Devices ADV7321 Datasheet HTML 30Page - Analog Devices ADV7321 Datasheet HTML 31Page - Analog Devices ADV7321 Datasheet HTML 32Page - Analog Devices ADV7321 Datasheet HTML 33Page - Analog Devices ADV7321 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 30 of 88
Table 13. Registers 0x16 to 0x37
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
Setting
Reset
Values
0x16
HD Y Level1
x
x
x
x
x
x
x
x
Y level value
0xA0
0x17
HD Cr Level1
x
x
x
x
x
x
x
x
Cr level value
0x80
0x18
HD Cb Level1
x
x
x
x
x
x
x
x
Cb level value
0x80
0x19
Reserved
0x00
0x1A
Reserved
0x00
0x1B
Reserved
0x00
0x1C
Reserved
0x00
0x1D
Reserved
0x00
0x1E
Reserved
0x00
0x1F
Reserved
0x00
0
0
0
0
Gain A = 0
0x00
0
0
0
1
Gain A = +1
…
…
…
…
…
0
1
1
1
Gain A = +7
1
0
0
0
Gain A = −8
…
…
…
…
…
HD Sharpness Filter Gain Value A
1
1
1
1
Gain A = −1
0
0
0
0
Gain B = 0
0
0
0
1
Gain B = +1
…
…
…
…
…
0
1
1
1
Gain B = +7
1
0
0
0
Gain B = −8
…
…
…
…
…
0x20
HD Sharpness
Filter Gain
HD Sharpness Filter Gain Value B
1
1
1
1
Gain B = −1
0x21
HD CGMS Data 0
HD CGMS Data Bits
0
0
0
0
C19
C18
C17
C16
CGMS 19 to 16
0x00
0x22
HD CGMS Data 1
HD CGMS Data Bits
C15
C14
C13
C12
C11
C10
C9
C8
CGMS 15 to 8
0x00
0x23
HD CGMS Data 2
HD CGMS Data Bits
C7
C6
C5
C4
C3
C2
C1
C0
CGMS 7 to 0
0x00
0x24
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A0
0x00
0x25
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A1
0x00
0x26
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A2
0x00
0x27
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A3
0x00
0x28
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A4
0x00
0x29
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A5
0x00
0x2A
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A6
0x00
0x2B
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A7
0x00
0x2C
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A8
0x00
0x2D
HD Gamma A
HD Gamma Curve A Data Points
x
x
x
x
x
x
x
x
A9
0x00
0x2E
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B0
0x00
0x2F
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B1
0x00
0x30
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B2
0x00
0x31
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B3
0x00
0x32
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B4
0x00
0x33
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B5
0x00
0x34
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B6
0x00
0x35
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B7
0x00
0x36
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B8
0x00
0x37
HD Gamma B
HD Gamma Curve B Data Points
x
x
x
x
x
x
x
x
B9
0x00
1 For use with internal test pattern only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com