Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 23Page - Analog Devices ADV7321 Datasheet HTML 24Page - Analog Devices ADV7321 Datasheet HTML 25Page - Analog Devices ADV7321 Datasheet HTML 26Page - Analog Devices ADV7321 Datasheet HTML 27Page - Analog Devices ADV7321 Datasheet HTML 28Page - Analog Devices ADV7321 Datasheet HTML 29Page - Analog Devices ADV7321 Datasheet HTML 30Page - Analog Devices ADV7321 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 27 of 88
Table 9. Registers 0x10 to 0x11
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Note
Reset
Values
0
0
EIA770.2 output
0x00
0
1
EIA770.1 output
1
0
Output levels for
full input range
HD Output
Standard
1
1
Reserved
0
HSYNC, VSYNC,
BLANK
Input Sync
Format
1
EAV/SAV codes
0
0
0
0
0
SMPTE 293M, ITU-
BT 1358
525p @
59.94 Hz
0
0
0
0
1
Async mode
0
0
0
1
0
BTA-1004, ITU-
BT 1362
525p @
59.94 Hz
0
0
0
1
1
ITU-BT 1358
625p @
50 Hz
0
0
1
0
0
ITU-BT 1362
625p @
50 Hz
0
0
1
0
1
SMPTE 296M-1, 2
720p @
60/59.94 Hz
0
0
1
1
0
SMPTE 296M-3
720p @
50 Hz
0
0
1
1
1
SMPTE 296M-4, 5
720p @
30/29.97 Hz
0
1
0
0
0
SMPTE 296M-6
720p @
25 Hz
0
1
0
0
1
SMPTE 296M-7, 8
720p @
24/23.98 Hz
0
1
0
1
0
SMPTE 240M
1035i @
60/59.94 Hz
0
1
0
1
1
Reserved
0
1
1
0
0
Reserved
0
1
1
0
1
SMPTE 274M-4, 5
1080i @
30/29.97 Hz
0
1
1
1
0
SMPTE 274M-6
1080i @
25 Hz
0
1
1
1
1
SMPTE 274M-7, 8
1080p @
30/29.97 Hz
1
0
0
0
0
SMPTE 274M-9
1080p @
25 Hz
1
0
0
0
1
SMPTE 274M-
10, 11
1080p @
24/23.98 Hz
0x10
HD Mode
Register 1
HD/ED Input
Mode
10010–11111
Reserved
0
Pixel data valid off
1
Pixel data valid on
0x00
HD Pixel Data
Valid
0
Reserved
0
HD test pattern off
HD Test Pattern
Enable
1
HD test pattern on
0
Hatch
HD Test Pattern
Hatch/Field
1
Field/frame
0
Disabled
HD VBI Open
1
Enabled
0
0
Disabled
0
1
−11 IRE
1
0
−6 IRE
HD Undershoot
Limiter
1
1
−1.5 IRE
Only
available in
EDTV
(525p/625p)
0
Disabled
0x11
HD Mode
Register 2
HD Sharpness
Filter
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com