Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 69 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 65Page - Analog Devices ADV7321 Datasheet HTML 66Page - Analog Devices ADV7321 Datasheet HTML 67Page - Analog Devices ADV7321 Datasheet HTML 68Page - Analog Devices ADV7321 Datasheet HTML 69Page - Analog Devices ADV7321 Datasheet HTML 70Page - Analog Devices ADV7321 Datasheet HTML 71Page - Analog Devices ADV7321 Datasheet HTML 72Page - Analog Devices ADV7321 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 69 of 88
APPENDIX 3—SD CLOSED CAPTIONING
[Subaddresses 0x51 to 0x54]
The ADV7320/ADV7321 support closed captioning conforming
to the standard television synchronizing waveform for color
transmission. Closed captioning is transmitted during the
blanked active line time of Line 21 of the odd fields and Line
284 of the even fields.
Closed captioning consists of a 7-cycle sinusoidal burst that is
frequency and phase locked to the caption data. After the clock
run-in signal, the blanking level is held for two data bits and is
followed by Logic 1 start bit. Sixteen bits of data follow the start
bit. These consist of two 8-bit bytes, seven data bits, and one
odd parity bit. The data for these bytes is stored in the SD
closed captioning registers [Addresses 0x53 to 0x54].
The ADV7320/ADV7321 also support the extended closed
captioning operation, which is active during even fields and
encoded on Scan Line 284. The data for this operation is stored
in the SD closed captioning registers [Addresses 0x51 to 0x52].
All clock run-in signals and timing to support closed captioning
on Lines 21 and 284 are generated automatically by the
ADV7320/ ADV7321. All pixels inputs are ignored during
Lines 21 and 284 if closed captioning is enabled.
FCC Code of Federal Regulations (CFR) 47 section 15.119 and
EIA608 describe the closed captioning information for Line 21
and Line 284.
The ADV7320/ADV7321 use a single buffering method. This
means that the closed captioning buffer is only 1 byte deep;
therefore, there will be no frame delay in outputting the closed
captioning data, unlike other 2-byte-deep buffering systems.
The data must be loaded one line before it is output on Line 21
and Line 284. A typical implementation of this method is to use
VSYNC to interrupt a microprocessor, which in turn will load
the new data (2 bytes) in every field. If no new data is required
for transmission, 0s must be inserted in both data registers; this
is called nulling. It is also important to load control codes, all of
which are double bytes, on Line 21, or a TV will not recognize
them. If there is a message such as “Hello World” that has an
odd number of characters, it is important to add a blank
character at the end so that the end-of-caption, 2-byte control
code lands in the same field.
D0–D6
D0–D6
10.5
± 0.25µs
12.91
µs
7CYCLES OF
0.5035MHz
CLOCK RUN-IN
REFERENCE COLOR BURST
(9 CYCLES)
FREQUENCY = FSC = 3.579545MHz
AMPLITUDE = 40 IRE
50 IRE
40 IRE
10.003
µs
27.382
µs
33.764
µ s
BYTE 1
BYTE 0
TWO 7-BIT + PARITY
ASCII CHARACTERS
(DATA)
S
T
A
R
T
P
A
R
I
T
Y
P
A
R
I
T
Y
Figure 98. Closed Captioning Waveform, NTSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com