Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 41Page - Analog Devices ADV7321 Datasheet HTML 42Page - Analog Devices ADV7321 Datasheet HTML 43Page - Analog Devices ADV7321 Datasheet HTML 44Page - Analog Devices ADV7321 Datasheet HTML 45Page - Analog Devices ADV7321 Datasheet HTML 46Page - Analog Devices ADV7321 Datasheet HTML 47Page - Analog Devices ADV7321 Datasheet HTML 48Page - Analog Devices ADV7321 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 45 of 88
RESET SEQUENCE
A reset is activated with a high-to-low transition on the RESET
pin (Pin 33) according to the timing specifications, and the
ADV7320/ADV7321 reverts to the default output
configuration. Figure 63 illustrates the RESET timing sequence.
SD VCR FF/RW SYNC
[Subaddress 0x42, Bit 5]
In DVD record applications where the encoder is used with a
decoder, the VCR FF/RW sync control bit can be used for
nonstandard input video, i.e., in fast forward or rewind modes.
In fast forward mode, the sync information at the start of a new
field in the incoming video usually occurs before the correct
number of lines/fields are reached; in rewind mode, this sync
signal usually occurs after the total number of lines/fields are
reached. Conventionally this means that the output video will
have corrupted field signals, because one signal is generated by
the incoming video and another is generated when the internal
lines/field counters reach the end of a field.
When the VCR FF/RW sync control is enabled [Subaddress 0x42,
Bit 5], the lines/fields counters are updated according to the
incoming VSYNC signal, and the analog output matches the
incoming VSYNC signal.
This control is available in all slave timing modes except Slave
Mode 0.
XXXXXX
XXXXXX
OFF
DIGITAL TIMING SIGNALS SUPPRESSED
VALID VIDEO
TIMING ACTIVE
RESET
DIGITAL TIMING
DACs
A, B, C
PIXEL DATA
VALID
Figure 63. RESET Timing Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com