Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 35Page - Analog Devices ADV7321 Datasheet HTML 36Page - Analog Devices ADV7321 Datasheet HTML 37Page - Analog Devices ADV7321 Datasheet HTML 38Page - Analog Devices ADV7321 Datasheet HTML 39Page - Analog Devices ADV7321 Datasheet HTML 40Page - Analog Devices ADV7321 Datasheet HTML 41Page - Analog Devices ADV7321 Datasheet HTML 42Page - Analog Devices ADV7321 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 39 of 88
optional. SD syncs are input on Pins S_VSYNC, S_HSYNC, and
S_BLANK. HD syncs are input on Pins P_VSYNC, P_HSYNC,
and P_BLANK.
CLKIN_A
CLKIN_B
MPEG2
DECODER
3
27MHz
10
YCrCb
INTERLACED TO
PROGRESSIVE
10
CrCb
10
Y
3
27MHz
S[9:0]
C[9:0]
Y[9:0]
ADV7320/
ADV7321
S_VSYNC,
S_HSYNC,
S_BLANK
P_VSYNC,
P_HSYNC,
P_BLANK
Figure 51. Simultaneous PS and SD Input
CLKIN_A
CLKIN_B
SDTV
DECODER
3
27MHz
10
YCrCb
10
CrCb
10
Y
3
74.25MHz
1080i
OR
720p
OR
1035i
S[9:0]
C[9:0]
Y[9:0]
ADV7320/
ADV7321
HDTV
DECODER
S_VSYNC,
S_HSYNC,
S_BLANK
P_VSYNC,
P_HSYNC,
P_BLANK
Figure 52. Simultaneous HD and SD Input
In simultaneous SD/HD input mode, if the two clock phases
differ by less than 9.25 ns or more than 27.75 ns, the clock align
bit [Address 0x01, Bit 3] must be set accordingly. If the
application uses the same clock source for both SD and PS, the
clock align bit must be set because the phase difference between
both inputs is less than 9.25 ns.
CLKIN_A
CLKIN_B
tDELAY < 9.25ns OR
tDELAY > 27.75ns
Figure 53. Clock Phase with Two Input Clocks
PROGRESSIVE SCAN AT 27 MHZ (DUAL EDGE)
OR 54 MHZ
Address[0x01]: Input Mode 100 or 111, Respectively
YCrCb progressive scan data can be input at 27 MHz or
54 MHz. The input data is interleaved onto a single 8-/10-bit
bus and is input on Pins Y9 to Y0. When a 27 MHz clock is
supplied, the data is clocked in upon the rising and falling edges
of the input clock, and the clock edge bit [Address 0x01, Bit 1]
must be set accordingly.
Table 22 provides an overview of all possible input configurations.
Figure 54, Figure 55, and Figure 56 show the possible conditions:
Cb data on the rising edge, and Y data on the rising edge.
3FF
00
00
XY
Y0
Y1
Cr0
CLKIN_B
CLOCK EDGE ADDRESS 0x00 BIT 1 SHOULD BE SET TO 0 IN THIS CASE.
Y9–Y0
Cb0
Figure 54. Input Sequence in PS Bit Interleaved Mode (EAV/SAV)
3FF
00
00
XY
Cb0
Cr0
Y1
CLKIN_B
Y9–Y0
Y0
CLOCK EDGE ADDRESS 0x00 BIT 1 SHOULD BE SET TO 1 IN THIS CASE.
Figure 55. Input Sequence in PS Bit Interleaved Mode (EAV/SAV)
PIXEL INPUT
DATA
3FF
00
00
XY
Cb0
Y0
Y1
Cr0
CLKIN_B
WITH A 54MHz CLOCK, THE DATA IS LATCHED ON EVERY RISING EDGE.
Figure 56. Input Sequence in PS Bit Interleaved Mode (EAV/SAV)
MPEG2
DECODER
CLKIN_A
Y[9:0]
INTERLACED
TO
PROGRESSIVE
YCrCb
10
3
27MHz OR 54MHz
YCrCb
ADV7320/
ADV7321
P_VSYNC,
P_HSYNC,
P_BLANK
Figure 57. 10-Bit PS at 27 MHz or 54 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com