Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 37 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 33Page - Analog Devices ADV7321 Datasheet HTML 34Page - Analog Devices ADV7321 Datasheet HTML 35Page - Analog Devices ADV7321 Datasheet HTML 36Page - Analog Devices ADV7321 Datasheet HTML 37Page - Analog Devices ADV7321 Datasheet HTML 38Page - Analog Devices ADV7321 Datasheet HTML 39Page - Analog Devices ADV7321 Datasheet HTML 40Page - Analog Devices ADV7321 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 37 of 88
Table 20. Registers 0x7D to 0x91
SR7-
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reset
Values
0x7D
Reserved
0x7E
Reserved
0x7F
Reserved
0x80
Macrovision1
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x81
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x82
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x83
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x84
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x85
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x86
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x87
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x88
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x89
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x8A
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x8B
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x8C
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x8D
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x8E
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x8F
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x90
Macrovision
MV Control Bits
x
x
x
x
x
x
x
x
0x00
0x91
Macrovision
MV Control Bit
0
0
0
0
0
0
0
x
0 must be written to these bits
0x00
1 Macrovision registers only on the ADV7320.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com