Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 25 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 21Page - Analog Devices ADV7321 Datasheet HTML 22Page - Analog Devices ADV7321 Datasheet HTML 23Page - Analog Devices ADV7321 Datasheet HTML 24Page - Analog Devices ADV7321 Datasheet HTML 25Page - Analog Devices ADV7321 Datasheet HTML 26Page - Analog Devices ADV7321 Datasheet HTML 27Page - Analog Devices ADV7321 Datasheet HTML 28Page - Analog Devices ADV7321 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 25 of 88
REGISTER ACCESS
The MPU can write to or read from all registers of the
ADV7320/ADV7321 except the subaddress registers, which are
write only registers. The subaddress register determines which
register the next read or write operation will access. All
communication with the part through the bus starts with an
access to the subaddress register. A read/write operation is then
performed from/to the target address, which increments to the
next address until a stop command is performed on the bus.
REGISTER PROGRAMMING
The following tables describe the functionality of each register.
All registers can be read from as well as written to, unless
otherwise stated.
SUBADDRESS REGISTER (SR7 TO SR0)
The communication register is an 8-bit write only register. After
the encoder’s bus is accessed and a read/write operation is
selected, the subaddress is set up. The subaddress register
determines to or from which register the operation takes place.
Table 7. Registers 0x00 to 0x01
SR7–
SR0
Register
Bit Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register Setting
Reg. Reset
Values
(Shaded)
0
Sleep mode off.
0xFC
Sleep Mode. With this
control enabled, the
current consumption is
reduced to µA level. All
DACs and the internal PLL
cct are disabled. I2C
registers can be read from
and written to in sleep
mode.
1
Sleep mode on.
0
PLL on.
PLL and Oversampling
Control. This control
allows the internal PLL cct
to be powered down and
the oversampling to be
switched off.
1
PLL off.
0
DAC F off.
DAC F: Power On/Off.
1
DAC F on.
0
DAC E off.
DAC E: Power On/Off.
1
DAC E on.
0
DAC D off.
DAC D: Power On/Off.
1
DAC D on.
0
DAC C off.
DAC C: Power On/Off.
1
DAC C on.
0
DAC B off.
DAC B: Power On/Off.
1
DAC B on.
0
DAC A off.
0x00
Power
Mode
Register
DAC A: Power On/Off.
1
DAC A on.
Reserved.
0
Reserved.
0
Cb clocked upon rising
edge.
Clock Edge.
1
Y clocked upon rising
edge.
Only for PS
interleaved
input at 27 MHz.
Reserved.
0
0
Clock Align.
1
Must be set if the phase
delay between the two
input clocks is <9.25 ns
or >27.75 ns.
Only if two
input clocks are
used.
0
0
0
SD input only.
0x38
0
0
1
PS input only.
0
1
0
HDTV input only.
0
1
1
SD and PS (20-bit).
1
0
0
SD and PS (10-bit).
1
0
1
SD and HDTV (SD
oversampled).
1
1
0
SD and HDTV (HDTV
oversampled).
Input Mode.
1
1
1
PS only (at 54 MHz).
0
0x01
Mode
Select
Register
Y/C/S Bus Swap.
1
Allows data to be
applied to data ports in
various configurations
(SD feature only).
See Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com