Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 72 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 68Page - Analog Devices ADV7321 Datasheet HTML 69Page - Analog Devices ADV7321 Datasheet HTML 70Page - Analog Devices ADV7321 Datasheet HTML 71Page - Analog Devices ADV7321 Datasheet HTML 72Page - Analog Devices ADV7321 Datasheet HTML 73Page - Analog Devices ADV7321 Datasheet HTML 74Page - Analog Devices ADV7321 Datasheet HTML 75Page - Analog Devices ADV7321 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 72 of 88
The register settings in Table 41 are used to generate an SD
NTSC CVBS output on DAC A, S-video on DACs B and C, and
YPrPb on DACs D, E, and F. Upon power-up, the subcarrier
registers are programmed with the appropriate values for
NTSC. All other registers are set as normal/default.
Table 41. NTSC Test Pattern Register Writes
Subaddress
Register Setting
0x00
0xFC
0x40
0x10
0x42
0x40
0x44
0x40 (internal test pattern on)
0x4A
0x08
For PAL CVBS output on DAC A, the same settings are used,
except that Subaddress 0x40 is programmed to 0x11 and the FSC
registers are programmed as shown in Table 42.
Table 42. PAL FSC Register Writes
Subaddress
Description
Register Setting
0x4C
FSC0
0xCB
0x4D
FSC1
0x8A
0x4E
FSC2
0x09
0x4F
FSC3
0x2A
Note that when programming the FSC registers, the user must
write the values in the sequence FSC0, FSC1, FSC2, FSC3. The full
FSC value to be written is only accepted after the FSC3 write is
complete.
The register settings in Table 43 are used to generate a 525p
hatch pattern on DAC D, E, and F. All other registers are set as
normal/default.
Table 43. 525p Test Pattern Register Writes.
Subaddress
Register Setting
Ox00
0xFC
0x01
0x10
0x10
0x00
0x11
0x05
0x16
0xA0
0x17
0x80
0x18
0x80
For 625p hatch pattern on DAC D, the same register settings are
used except that Subaddress 0x10 = 0x18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com