Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 19 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 15Page - Analog Devices ADV7321 Datasheet HTML 16Page - Analog Devices ADV7321 Datasheet HTML 17Page - Analog Devices ADV7321 Datasheet HTML 18Page - Analog Devices ADV7321 Datasheet HTML 19Page - Analog Devices ADV7321 Datasheet HTML 20Page - Analog Devices ADV7321 Datasheet HTML 21Page - Analog Devices ADV7321 Datasheet HTML 22Page - Analog Devices ADV7321 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 19 of 88
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
PROG SCAN Pr/Pb RESPONSE. LINEAR INTERP FROM 4:2:2 TO 4:4:4
0
–70
–60
–50
–40
–30
–20
–10
–80
200
20
40
60
80
100
120
140
160
180
0
Figure 20. PS—UV 8× Oversampling Filter (Linear)
FREQUENCY (MHz)
PROG SCAN Pr/Pb RESPONSE. SSAF INTERP FROM 4:2:2 TO 4:4:4
0
–70
–60
–50
–40
–30
–20
–10
–80
200
20
40
60
80
100
120
140
160
180
0
Figure 21. PS—UV 8× Oversampling Filter (SSAF)
FREQUENCY (MHz)
Y RESPONSE IN PS OVERSAMPLING MODE
0
–70
–60
–50
–40
–30
–20
–10
–80
200
20
40
60
80
100
120
140
160
180
0
Figure 22. PS—Y 8× Oversampling Filter
FREQUENCY (MHz)
YPASS BAND IN PS OVERSAMPLING MODE
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–3.0
12
2468
10
0
Figure 23. PS—Y 8× Oversampling Filter (Pass Band)
FREQUENCY (MHz)
Pr/Pb RESPONSE IN HDTV OVERSAMPLING MODE
0
–70
–60
–50
–40
–30
–20
–10
–80
140
20
40
60
80
100
120
0
Figure 24. HDTV—UV 2× Oversampling Filter
FREQUENCY (MHz)
Y RESPONSE IN HDTV OVERSAMPLING MODE
0
–70
–60
–50
–40
–30
–20
–10
–80
140
20
40
60
80
100
120
0
Figure 25. HDTV—Y 2× Oversampling Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com