Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 1 Page - Analog Devices

  ADV7321 Datasheet HTML 1Page - Analog Devices ADV7321 Datasheet HTML 2Page - Analog Devices ADV7321 Datasheet HTML 3Page - Analog Devices ADV7321 Datasheet HTML 4Page - Analog Devices ADV7321 Datasheet HTML 5Page - Analog Devices ADV7321 Datasheet HTML 6Page - Analog Devices ADV7321 Datasheet HTML 7Page - Analog Devices ADV7321 Datasheet HTML 8Page - Analog Devices ADV7321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Multiformat 216 MHz
Video Encoder with Six NSV® 12-Bit DACs
ADV7320/ADV7321
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
High definition input formats
16-/20-, 24-/30-bit (4:2:2, 4:4:4) parallel YCrCb
Fully compliant with:
SMPTE 274M (1080i, 1080p @ 74.25 MHz)
SMPTE 296M (720p)
SMPTE 240M (1035i)
RGB in 3- × 10-bit 4:4:4 input format
HDTV RGB supported:
RGB, RGBHV
Other high definition formats using async
timing mode
Enhanced definition input formats
8-/10-, 16-/20-, 24-/30-bit (4:2:2, 4:4:4) parallel YCrCb
SMPTE 293M (525p)
BTA T-1004 EDTV2 (525p)
ITU-R BT.1358 (625p/525p)
ITU-R BT.1362 (625p/525p)
RGB in 3- × 10-bit 4:4:4 input format
Standard definition input formats
CCIR-656 4:2:2 8-/10-bit or 16-/20-bit parallel input
High definition output formats
YPrPb HDTV (EIA 770.3)
RGB, RGBHV
CGMS-A (720p/1080i)
Enhanced definition output formats
Macrovision Rev 1.2 (525p/625p) (ADV7320 only)
CGMS-A (525p/625p)
YPrPb progressive scan (EIA-770.1, EIA-770.2)
RGB, RGBHV
Standard definition output formats
Composite NTSC M/N
Composite PAL M/N/B/D/G/H/I, PAL-60
SMPTE 170M NTSC-compatible composite video
ITU-R BT.470 PAL-compatible composite video
S-video (Y/C)
EuroScart RGB
Component YPrPb (Betacam, MII, SMPTE/EBU N10)
Macrovision Rev 7.1.L1 (ADV7320 only)
CGMS/WSS
Closed captioning
GENERAL FEATURES
Simultaneous SD/HD, PS/SD inputs and outputs
Oversampling up to 216 MHz
Programmable DAC gain control
Sync outputs in all modes
On-board voltage reference
Six 12-bit NSV (noise shaped video) precision video DACs
2-wire serial I2C® interface, open-drain configuration
Dual I/O supply 2.5 V/3.3 V operation
Analog and digital supply 2.5 V
On-board PLL
64-lead LQFP package
Lead (Pb) free product
APPLICATIONS
EVD players (enhanced versatile disk)
High end /SD/PS DVD recorders/players
SD/progressive scan/HDTV display devices
SD/HDTV set top boxes
Professional video systems
CLKIN_A
CLKIN_B
HSYNC
VSYNC
BLANK
Y9–Y0
C9–C0
S9–S0
TIMING
GENERATOR
PLL
O
V
E
R
S
A
M
P
L
I
N
G
I2C
INTERFACE
D
E
M
U
X
STANDARD DEFINITION
CONTROL BLOCK
COLOR CONTROL
BRIGHTNESS
DNR
GAMMA
PROGRAMMABLE
FILTERS
SD TEST PATTERN
HIGH DEFINITION
CONTROL BLOCK
HD TEST PATTERN
COLOR CONTROL
ADAPTIVE FILTER CTRL
SHARPNESS FILTER
PROGRAMMABLE
RGB MATRIX
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
12-BIT
DAC
ADV7320/
ADV7321
Figure 1. Simplified Functional Block Diagram
GENERAL DESCRIPTION
The ADV®7320/ADV7321 are high speed, digital-to-analog
encoders on single monolithic chips. They include six high
speed NSV video D/A converters with TTL compatible inputs.
They have separate 8-/10-, 16-/20-, and 24-/30-bit input ports
that accept data in high definition and/or standard definition
video format. For all standards, external horizontal, vertical,
and blanking signals or EAV/SAV timing codes control the
insertion of appropriate synchronization signals into the digital
data stream and, therefore, the output signal.


Similar Part No. - ADV7321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results

Similar Description - ADV7321

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
11/02-Data Sheet changed from REV. 0 to REV. A.
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
8/03-Data Sheet changed from REV. 0 to REV. A.
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV.0
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
11/04-Revision 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com