Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 14Page - Analog Devices ADV7321 Datasheet HTML 15Page - Analog Devices ADV7321 Datasheet HTML 16Page - Analog Devices ADV7321 Datasheet HTML 17Page - Analog Devices ADV7321 Datasheet HTML 18Page - Analog Devices ADV7321 Datasheet HTML 19Page - Analog Devices ADV7321 Datasheet HTML 20Page - Analog Devices ADV7321 Datasheet HTML 21Page - Analog Devices ADV7321 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 18 of 88
Pin No.
Mnemonic
Input/Output
Description
62–58,
55–51
S9 to S0
I
SD or Progressive Scan/HDTV Input Port for Cr[Red/V] Data in 4:4:4 Input Mode. LSB is set up
on Pin S0. For 8-bit data input, LSB is set up on S2.
33
RESET
I
This input resets the on-chip timing generator and sets the ADV7320/ADV7321 into default
register setting. RESET is an active low signal.
47, 35
RSET1, RSET2
I
A 3040 Ω resistor must be connected from this pin to AGND and is used to control the
amplitudes of the DAC outputs.
22
SCLK
I
I2C Port Serial Interface Clock Input.
21
SDA
I/O
I2C Port Serial Data Input/Output.
20
ALSB
I
TTL Address Input. This signal sets up the LSB of the I2C address. When this pin is tied low, the
I2C filter is activated, which reduces noise on the I2C interface.
1
VDD_IO
P
Power Supply for Digital Inputs and Outputs.
10, 56
VDD
P
Digital Power Supply.
41
VAA
P
Analog Power Supply.
46
VREF
I/O
Optional External Voltage Reference Input for DACs or Voltage Reference Output (1.235 V).
34
EXT_LF
I
External Loop Filter for the Internal PLL.
31
RTC_SCR_TR
I
Multifunctional Input. Real-time control (RTC) input, timing reset input, subcarrier reset input.
19
I2C
I
This input pin must be tied high (VDD_IO) for the ADV7320/ADV7321 to interface over the I2C port.
64
GND_IO
Digital Input/Output Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com