Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7321 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7321
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7321 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7321 Datasheet HTML 12Page - Analog Devices ADV7321 Datasheet HTML 13Page - Analog Devices ADV7321 Datasheet HTML 14Page - Analog Devices ADV7321 Datasheet HTML 15Page - Analog Devices ADV7321 Datasheet HTML 16Page - Analog Devices ADV7321 Datasheet HTML 17Page - Analog Devices ADV7321 Datasheet HTML 18Page - Analog Devices ADV7321 Datasheet HTML 19Page - Analog Devices ADV7321 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
ADV7320/ADV7321
Rev. 0 | Page 16 of 88
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter1
Value
VAA to AGND
−0.3 V to +3.0 V
VDD to DGND
−0.3 V to +3.0 V
VDD_IO to GND_IO
−0.3 V to +4.6 V
Digital Input Voltage to DGND
−0.3 V to VDD_IO +0.3 V
VAA to VDD
−0.3 V to +0.3 V
AGND to DGND
−0.3 V to +0.3 V
DGND to GND_IO
−0.3 V to +0.3 V
AGND to GND_IO
−0.3 V to +0.3 V
Ambient Operating Temperature (TA)
0°C to 70°C
Storage Temperature (TS)
–65°C to +150°C
Infrared Reflow Soldering (20 s)
260°C
1 Analog output short circuit to any power supply or common can be of
an indefinite duration.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
θJC = 11°C/W
θJA = 47°C/W
The ADV7320/ADV7321 is a Pb-free environmentally friendly
product. It is manufactured using the most up-to-date materials
and processes. The coating on the leads of each device is 100%
pure Sn electroplate. The device is suitable for Pb-free
applications and is able to withstand surface-mount soldering
up to 255°C (±5°C).
In addition, it is backward-compatible with conventional SnPb
soldering processes. This means that the electroplated Sn
coating can be soldered with Sn/Pb solder pastes at
conventional reflow temperatures of 220°C to 235°C.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
this product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com