Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC38612 Datasheet (PDF) - Renesas Technology Corp

RC38612 Datasheet PDF - Renesas Technology Corp
Part # RC38612
Download  RC38612 Download
File Size   2273.88 Kbytes
Page   99 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radio Access Network Equipment Synchronizer

RC38612 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC38612 Datasheet PDF - Renesas Technology Corp

Part # RC38612
Download  RC38612 Click to download

File Size   2273.88 Kbytes
Page   99 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radio Access Network Equipment Synchronizer

RC38612 Datasheet (HTML) - Renesas Technology Corp


RC38612 Product details

Features
▪ Six independent timing channels
• Each can act as a frequency synthesizer, jitter attenuator,
Digitally Controlled Oscillator (DCO), or Digital Phase Lock
Loop (DPLL)
• Generates output frequencies that are independent of input
frequencies via a Fractional Output Divider (FOD)
• Each FOD supports output phase tuning with 1ps
▪ 12 differential / 24 LVCMOS outputs
• Any frequency from 0.5Hz to 1GHz (250MHz for LVCMOS)
• Jitter below 150fs RMS (10kHz to 20MHz)
• Supports LVCMOS, LVDS, LVPECL, HCSL, CML, SSTL,
and HSTL output modes
• Differential output swing is selectable: 400mV / 650mV /
800mV / 910mV
• Independent output voltages of 3.3V, 2.5V, or 1.8V
▪ LVCMOS additionally supports 1.5V or 1.2V swings
• The clock phase of each output is individually programmable
in 1ns to 2ns steps with a total range of ±180°
▪ 5 differential / 10 single-ended clock inputs
• Supports any frequency from 0.5Hz to 1GHz
• Any input can be mapped to any or all of the timing channels
• Redundant inputs frequency independent of each other
• Any input can be designated as external frame/sync pulse of
EPPS (even pulse per second), 1PPS (Pulse per Second),
5PPS, 10PPS, 50Hz, 100Hz, 1 kHz, 2 kHz, 4kHz, and 8kHz
associated with a selectable reference clock input
• Per-input programmable phase offset of up to ±1.638s in
1ps steps
▪ Three GPIOs can be configured as single-ended clock inputs
supporting frequencies from 0.5Hz to 150MHz
▪ Reference monitors qualify/disqualify references depending on
LOS, activity, frequency monitoring, and/or LOS input pins
• Loss of Signal (LOS) input pins (via GPIOs) can be assigned
to any input clock reference
▪ Automatic reference selection state machines select the active
reference for each DPLL based on the reference monitors,
priority tables, revertive / non-revertive, and other
programmable settings
▪ System APLL operates from fundamental-mode crystal: 25MHz
to 54MHz or from a crystal oscillator
▪ System DPLL accepts an XO, TCXO, or OCXO operating at
virtually any frequency from 1MHz to 150MHz
▪ DPLLs can be configured as DCOs to synthesize Precision
Time Protocol (PTP) / IEEE 1588 clocks
• DCOs generate PTP based clocks with frequency resolution
less than 1.11 × 10-16
▪ DPLL Phase detectors can be used as Time-to-Digital
Converters (TDC) with precision below 1ps
• TDCs are readable at periods from 1ms to 100s
▪ DPLL Digital Loop Filters (DLFs) are programmable with cut off
frequencies from 0.09mHz to 12kHz
• DPLL architecture supports the use of external DLFs
implemented in software
▪ DPLL/DCO channels share frequency information using the
Combo Bus to simplify compliance with ITU-T G.8273.2
▪ Switching between DPLL and DCO modes is hitless and
dynamic
▪ Supports 1MHz I2
C or 50MHz SPI serial processor ports
▪ Can configure itself automatically after reset via:
• Internal customer-definable One-Time Programmable (OTP)
memory with up to 16 different configurations
• Standard external I2C EEPROM is serial port in I2C mode
▪ 1149.1 JTAG Boundary Scan
▪ 10 × 10 × 0.9 mm 72-QFN package




Similar Part No. - RC38612

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC38612 RENESAS-RC38612 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
RC38612ADDDGN2#BB0 RENESAS-RC38612ADDDGN2#BB0 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
RC38612ADDDGN2#HB0 RENESAS-RC38612ADDDGN2#HB0 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
RC38612ADDDGN2#KB0 RENESAS-RC38612ADDDGN2#KB0 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
RC38612 RENESAS-RC38612_V01 Datasheet
2Mb / 99P
Radio Access Network Equipment Synchronizer
October 18, 2023
More results


Similar Description - RC38612

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA3180C ZCOMM-PSA3180C Datasheet
75Kb / 2P
PHASE LOCKED LOOP(Digital Radio Equipment, Fixed Wireless Access, Satellite Communication Systems)
PSA3195C ZCOMM-PSA3195C Datasheet
76Kb / 2P
PHASE LOCKED LOOP(Digital Radio Equipment, Fixed Wireless Access, Satellite Communication Systems)
logo
Analog Devices
AD9549 AD-AD9549 Datasheet
942Kb / 78P
Dual Input Network Clock Generator/Synchronizer
AD9547 AD-AD9547 Datasheet
1Mb / 104P
Dual/Quad Input Network Clock Generator/Synchronizer
REV. 0
AD9548 AD-AD9548 Datasheet
1Mb / 112P
Quad/Octal Input Network Clock Generator/Synchronizer
REV. 0
AD9549ABCPZ AD-AD9549ABCPZ Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
REV. D
AD9549 AD-AD9549_15 Datasheet
1Mb / 76P
Dual Input Network Clock Generator/Synchronizer
Rev. D
AD9547 AD-AD9547_14 Datasheet
1Mb / 106P
Dual/Quad Input Network Clock Generator/Synchronizer
11/14-Rev. F to Rev. G
AD9548 AD-AD9548_14 Datasheet
1Mb / 111P
Quad/Octal Input Network Clock Generator/Synchronizer
12/14-Rev. F to Rev. G
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com