Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F0552 Datasheet (PDF) - Renesas Technology Corp

F0552 Datasheet PDF - Renesas Technology Corp
Part # F0552
Download  F0552 Download
File Size   1861.02 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sampling IF Receiver 1710MHz to 2050MHz

F0552 Datasheet (PDF)

Go To PDF Page Download Datasheet
F0552 Datasheet PDF - Renesas Technology Corp

Part # F0552
Download  F0552 Click to download

File Size   1861.02 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Sampling IF Receiver 1710MHz to 2050MHz

F0552 Datasheet (HTML) - Renesas Technology Corp


F0552 Product details

DESCRIPTION
This document describes the specifications for the F0552
1710MHz to 2050MHz dual path Sampling Intermediate
Frequency (SIF) Receiver ideal for Multi-mode, Multicarrier BaseStation Receivers. Refer to the Part # Matrix
below describing the frequency coverage of the complete
series. This series of devices covers all UTRA bands up
to 2.7GHz and offers significantly better Noise and
Distortion performance than currently available solutions.
IF frequencies up to 450 MHz are supported.
The F0552 SIF provides 29dB gain and offers 47dB
gain adjustment in 1dB steps designed to operate with
a single 5V supply. Nominally, the device offers +45
dBm Output IP3 using 450mA of ICC. Alternately one
can configure the device in low current (LC) mode to
reduce power consumption to < 1.9 Watts.
This device is packaged in a 10 x 10 mm 68-pin Thin
QFN with 50 ohm single-ended RF input and 200 ohm
differential IF output impedances for ease of integration
into the receiver lineup. The EvKit is configured to
match the 200 ohm differential IF output to 100 ohms
differential for a broad range of IF center frequencies
per the application drawings.

FEATURES
• Dual Channel for Diversity / MIMO Systems
• Combines FlatNoiseTM and Zero-DistortionTM
technology
• 29dB Total Power Gain
• 47dB gain control range
• 1 dB Gain Steps
• Ultra linear +45dBm IP3O
• Low NF: 9.6dB at GMAX
• 50Ω input impedance
• Matched to 100Ω differential output impedance
• Ultra high +19.8dBm P1dBo
• Independent channel standby mode
• Constant LO impedance in STBY mode
• 6-bit parallel control
• 60MHz to 450MHz IF frequency range
• Excellent 2x2, 3x3, IM2, 2nd Harmonic
Rejection
• ICC = 450mA STD Mode, 375mA LC Mode
• 10 x 10 mm 68-pin VFQFPN package




Similar Part No. - F0552

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F0552 IDT-F0552 Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
F0552 IDT-F0552 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
More results


Similar Description - F0552

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
AN-502 AD-AN-502 Datasheet
203Kb / 12P
Designing a Superheterodyne Receiver Using an IF Sampling Diversity Chipset
AN-851 AD-AN-851 Datasheet
269Kb / 8P
A WiMax Double Downconversion IF Sampling Receiver Design
REV. 0
CN-0140 AD-CN-0140 Datasheet
198Kb / 4P
High Performance, Dual Channel IF Sampling Receiver
REV. 0
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD9433 AD-AD9433_17 Datasheet
433Kb / 21P
IF Sampling ADC
Rev. A
logo
Integrated Device Techn...
IDTF0552NLGI IDT-IDTF0552NLGI Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
logo
Renesas Technology Corp
F0502 RENESAS-F0502 Datasheet
2Mb / 39P
Sampling IF Receiver 600MHz to 1000MHz
February 8,2022
F0562 RENESAS-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
February 9, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com